Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL1011T-02 Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # NL1011T-02
Description  Single-Stage Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL1011T-02 Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  NL1011T-02 Datasheet HTML 1Page - II-VI Marlow, Inc. NL1011T-02 Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries, inc.
Subsidiary of II-VI INCORPORATED
TECHNICAL DATA SHEET
DOC # 102-0290 REV F - PAGE 1 OF 2
NL1011T
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
[50.80+/-6.35]
2.00 +/-.25
Negative Lead
Positive Lead
[2.40 +/-0.13]
.095 +/-.005
Cold Side
[6.60]
.260
[6.60]
.260
.001[0.03]
A
.003[0.08]
.001[0.03]
Leads: 28 AWG (0.32) Bus
Solid Tinned Copper
Ceramic Material: Alumina (AC)
Millimeters are in [ ]
A
ORDERING OPTIONS
AVAILABLE MODIFICATIONS
Pretinned metallized ceramic surface(s) with 117°C solder.
Thermistor mounted on edge of cold side ceramic. (Calibration
available.)
Elevated temperature burn-in with test data provided.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
61
69
Qmax (watts):
1.0
1.3
Imax (amps):
1.0
1.0
Vmax (vdc):
2.0
2.3
AC Resistance (ohms):
1.80
--
Model Number
Description
NL1011T-01
both surfaces are metallized
NL1011T-02
hot side exterior is metallized
NL1011T-03
no metallization


Similar Part No. - NL1011T-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL1011T-02 ETC2-NL1011T-02 Datasheet
146Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL1011T-02AC VIMARLOW-NL1011T-02AC Datasheet
478Kb / 2P
   Single-Stage Thermoelectric Module
More results

Similar Description - NL1011T-02

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1507 VIMARLOW-NL1507 Datasheet
296Kb / 2P
   Single-Stage Thermoelectric Cooler
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com