Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACA2461 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. ACA2461
Description  1218 MHz CATV CATV Push-Pull Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

ACA2461 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
204209B • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • September 19, 2016
ACA2461
1218 MHz CATV
CATV Push-Pull Driver Amplifier
PRELIMINARY DATA SHEET
Figure 1: Block Diagram
FEATURES
• 40 to 1218 MHz Frequency Range
• > +45 dBmV/channel Output Power
• 25 dB Gain at 1218 MHz
• Single +24 V Supply
• Operating Current = 290 mA
• Surface Mount Package Compatible with
Automatic Assembly and excellent reliability
• Halogen Free/RoHS Compliant
APPLICATIONS
• DOCSIS® and Euro DOCSIS® 3.1 (D3.1)
Compliant Downstream (DS)
• RF Pre-Amplifier for Node + 0 HFC and FTTC/
FTTB Networks
• Final Stage Amplifier in FTTC Applications
PRODUCT DESCRIPTION
The ACA2461 is a highly linear low noise high gain
RF pre-amplifier module in the industry standard
SOIC-16 SMT package. Designed to drive D3.1
compliant power doublers in Deep Fiber Node CATV
infrastructure applications, the module consists of
two parallel amplifiers in cascade forming a push-pull
16 Pin Wide Body SOIC
with Heat Slug
ACA2461
optimized for low noise, low distortion, high output
power per channel, and high TCP. Advanced GaAs
optimizes operating current making the module an
excellent choice for environmentally friendly “GREEN”
applications.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn