Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACA2461 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part No. ACA2461
Description  1218 MHz CATV CATV Push-Pull Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

ACA2461 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
ACA2461
Preliminary Data Sheet
September 19, 2016 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 204209B
ORDER NUMBER TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
ACA2461P2
-40 °C to +110 °C
ROHS Compliant
16 Pin Wide Body
SOIC with Heat Slug
1,500 Piece Tape and Reel
ORDERING INFORMATION


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn