Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACA2461 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part No. ACA2461
Description  1218 MHz CATV CATV Push-Pull Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

ACA2461 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ACA2461
Preliminary Data Sheet
September 19, 2016 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 204209B
Table 5: Bill of Materials
ITEM # QTY
REFERENCE
DESCRIPTION
VALUE
1
1
C1
0402 capacitor
0.2pF
2
5
C2, C3, C4, C14,
C15
0402 capacitor
0.01uF
3
1
C5
0402 capacitor
0.8 pF
4
2
C6, C7
0402 capacitor
270 pF
5
4
C8, C9, C10, C11 0402 capacitor
4700 pF
6
2
C12, C13
0402 capacitor
150 pF
7
1
C16
Electrolytic cap.
47 uF
8
1
C17
0402 capacitor
150 pF
9
1
C18
0402 capacitor
0.6 pF
10
3
L1, L2, L9
0402 chip inductor
4.3 nH
11
2
L3, L4
Murata 0805 IND
470 nH
12
2
L5, L6
Allied 0603 IND
680 nH
13
2
L7, L8
0402 chip inductor
6.8 nH
14
1
L10
0402 chip inductor
2.0 nH
15
1
R1
0402 resistor
0 ohm
16
1
R2
0402 resistor
510 ohm
17
1
R3
0402 resistor
26.7K ohm
18
1
R4
0402 resistor
3 ohm
19
1
R5
0402 resistor
4.64K ohm
20
1
T1
1:1 Balun Minntronix
MRF-25001
21
1
T2
2:1 Balun Minntronix
MRF-27001


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn