Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACA2461 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part No. ACA2461
Description  1218 MHz CATV CATV Push-Pull Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

ACA2461 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ACA2461
Preliminary Data Sheet
204209B • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • September 19, 2016
Figure 3: Application Schematic
ACA2461
Board: 11_G_21_A_75_B10
C1: 0.2pF
C2, C3, C4, C14, C15: .01 uF
C5: 0.8 pF
C6, C7: 270 pF
C8, C9, C10, C11: 4700 pF
C12, C13: 150 pF
C16: 47 uF
C17: 330 pF
C18: 0.6 pF
L1, L2, L9: 4.3 nH
L3, L4: 470 nH
L5, L6: 680 nH
L7, L8: 6.8 nH
L10: 2.0 nH
R1: 0 ohm
R2: 510 ohm
R3: 26.7K ohm
R4: 3 ohm
R5: 4.64K ohm
T1: 1:1 Balun Minntronix
T2: 2:1 Balun Minntronix


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn