Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ACA2461 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. ACA2461
Description  1218 MHz CATV CATV Push-Pull Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

ACA2461 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ACA2461
Preliminary Data Sheet
204209B • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • September 19, 2016
Table 2: Absolute Mimimum and Maximum Ratings
ELECTRICAL CHARACTERISTICS
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure to
absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges
Notes:
(1) Pins 2, 4, 5 and 7 should be AC-coupled. No external DC bias should be
applied.
(2) Pin 6 should be AC-grounded and/or pulled to ground through a resistor for
current control.
(3) Pins 10, 11, 14 and 15 should have no other external bias applied.
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.
PARAMETER
MIN
MAX
UNIT
Supply (pins 12, 13)
0
+28
VDC
Current Adjust (pin 6)
0
+4
VDC
RF Power at Inputs (pins 4, 5)
-
+75
dBmV
Storage Temperature
-65
+150
°C
Soldering Temperature
-
+260
°C
Soldering Time
-
5.0
Sec
PARAMETER
MIN
TYP
MAX
UNIT
Supply Voltage (VDD)-
+24-
VDC
RF Frequency40-
1200
MHz
Case Temperature-40
-+110°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn