Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T495C107M035AME0457280 Datasheet(PDF) 11 Page - Kemet Corporation

Part # T495C107M035AME0457280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495C107M035AME0457280 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T495C107M035AME0457280 Datasheet HTML 7Page - Kemet Corporation T495C107M035AME0457280 Datasheet HTML 8Page - Kemet Corporation T495C107M035AME0457280 Datasheet HTML 9Page - Kemet Corporation T495C107M035AME0457280 Datasheet HTML 10Page - Kemet Corporation T495C107M035AME0457280 Datasheet HTML 11Page - Kemet Corporation T495C107M035AME0457280 Datasheet HTML 12Page - Kemet Corporation T495C107M035AME0457280 Datasheet HTML 13Page - Kemet Corporation T495C107M035AME0457280 Datasheet HTML 14Page - Kemet Corporation T495C107M035AME0457280 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2009_T495 • 5/3/2017 11
11
Tantalum Surface Mount Capacitors – Low ESR
T495 Series Surge Robust MnO
2
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N =
Non-Magnetic 100% Tin (Sn) or M = Non-Magnetic (SnPb). Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85°C
µF
KEMET/EIA
(See below for
part options)
µA +20°C
Max/5 Min
% at +20°C
120 Hz Max
mΩ at 20°C
100 kHz
Max
mA at +25°C
100 kHz
mA at
+85°C 100
kHz
mA at
+125°C 100
kHz
°C
Reflow
Temp
≤ 260°C
10
220
X/7343-43
T495X227(1)010A(2)E100
22.0
8.0
100
1285
1157
514
125
1
10
330
D/7343-31
T495D337(1)010A(2)E100
33.0
8.0
100
1225
1103
490
125
1
10
330
D/7343-31
T495D337(1)010A(2)E125
33.0
10.0
125
1095
986
438
125
1
10
330
D/7343-31
T495D337(1)010A(2)E150
33.0
10.0
150
1000
900
400
125
1
10
330
X/7343-43
T495X337(1)010A(2)E035
33.0
10.0
35
2171
1954
868
125
1
10
330
X/7343-43
T495X337(1)010A(2)E040
33.0
10.0
40
2031
1828
812
125
1
10
330
X/7343-43
T495X337(1)010A(2)E050
33.0
10.0
50
1817
1635
727
125
1
10
330
X/7343-43
T495X337(1)010A(2)E060
33.0
10.0
60
1658
1492
663
125
1
10
330
X/7343-43
T495X337(1)010A(2)E080
33.0
10.0
80
1436
1292
574
125
1
10
330
X/7343-43
T495X337(1)010A(2)E100
33.0
10.0
100
1285
1157
514
125
1
10
330
E/7360-38
T495E337(1)010A(2)E040
33.0
8.0
40
2236
2012
894
125
1
10
330
E/7360-38
T495E337(1)010A(2)E060
33.0
10.0
60
1826
1643
730
125
1
10
330
E/7360-38
T495E337(1)010A(2)E100
33.0
10.0
100
1414
1273
566
125
1
10
470
X/7343-43
T495X477(1)010A(2)E045
47.0
10.0
45
1915
1724
766
125
1
10
470
X/7343-43
T495X477(1)010A(2)E050
47.0
10.0
50
1817
1635
727
125
1
10
470
X/7343-43
T495X477(1)010A(2)E060
47.0
10.0
60
1658
1492
663
125
1
10
470
X/7343-43
T495X477(1)010A(2)E080
47.0
10.0
80
1436
1292
574
125
1
10
470
X/7343-43
T495X477(1)010A(2)E100
47.0
10.0
100
1285
1157
514
125
1
10
470
X/7343-43
T495X477(1)010A(2)E200
47.0
10.0
200
908
817
363
125
1
10
470
E/7360-38
T495E477(1)010A(2)E040
47.0
10.0
40
2236
2012
894
125
1
10
470
E/7360-38
T495E477(1)010A(2)E060
47.0
10.0
60
1826
1643
730
125
1
10
470
E/7360-38
T495E477(1)010A(2)E100
47.0
10.0
100
1414
1273
566
125
1
16
1.0
A/3216-18
T495A105(1)016A(2)E5K0
0.5
6.0
5000
122
110
49
125
1
16
1.5
A/3216-18
T495A155(1)016A(2)E5K0
0.5
6.0
5000
122
110
49
125
1
16
2.2
A/3216-18
T495A225(1)016A(2)E2K5
0.5
6.0
2500
173
156
69
125
1
16
2.2
A/3216-18
T495A225(1)016A(2)E1K8
0.5
6.0
1800
204
184
82
125
1
16
3.3
A/3216-18
T495A335(1)016A(2)E3K0
0.5
6.0
3000
158
142
63
125
1
16
3.3
B/3528-21
T495B335(1)016A(2)E2K0
0.5
6.0
2000
206
185
82
125
1
16
4.7
A/3216-18
T495A475(1)016A(2)E2K0
0.8
6.0
2000
194
175
78
125
1
16
4.7
B/3528-21
T495B475(1)016A(2)E700
0.8
6.0
700
348
313
139
125
1
16
4.7
B/3528-21
T495B475(1)016A(2)E800
0.8
6.0
800
326
293
130
125
1
16
4.7
B/3528-21
T495B475(1)016A(2)E1K0
0.8
6.0
1000
292
263
117
125
1
16
4.7
B/3528-21
T495B475(1)016A(2)E1K5
0.8
6.0
1500
238
214
95
125
1
16
6.8
B/3528-21
T495B685(1)016A(2)E1K2
1.1
6.0
1200
266
239
106
125
1
16
6.8
C/6032-28
T495C685(1)016A(2)E750
1.1
6.0
750
383
345
153
125
1
16
10
A/3216-18
T495A106(1)016A(2)E1K7
1.6
6.0
1700
210
189
84
125
1
16
10
B/3528-21
T495B106(1)016A(2)E500
1.6
6.0
500
412
371
165
125
1
16
10
B/3528-21
T495B106(1)016A(2)E650
1.6
6.0
650
362
326
145
125
1
16
10
B/3528-21
T495B106(1)016A(2)E800
1.6
6.0
800
326
293
130
125
1
16
10
B/3528-21
T495B106(1)016A(2)E2K5
1.6
6.0
2500
184
166
74
125
1
16
10
T/3528-12
T495T106(M)016A(2)E4K0
1.6
8.0
4000
132
119
53
125
1
16
15
A/3216-18
T495A156(1)016A(2)E2K5
2.4
8.0
2500
173
156
69
125
1
16
15
B/3528-21
T495B156(1)016A(2)E500
2.4
6.0
500
412
371
165
125
1
16
15
B/3528-21
T495B156(1)016A(2)E650
2.4
6.0
650
362
326
145
125
1
16
15
B/3528-21
T495B156(1)016A(2)E800
2.4
6.0
800
326
293
130
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA +20ºC
Max/5 Min
% at +20ºC
120 Hz Max
mΩ at 20ºC
100 kHz
Max
mA at +25ºC
100 kHz
mA at
+85ºC 100
kHz
mA at
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T495C107M035AME0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495C107M035AGE045 KEMET-T495C107M035AGE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495C107M035AHE045 KEMET-T495C107M035AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495C107M035ATE045 KEMET-T495C107M035ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495C107M035AME0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com