Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR11JH155KCA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CWR11JH155KCA
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11JH155KCA Datasheet(HTML) 4 Page - Vishay Siliconix

  CWR11JH155KCA Datasheet HTML 1Page - Vishay Siliconix CWR11JH155KCA Datasheet HTML 2Page - Vishay Siliconix CWR11JH155KCA Datasheet HTML 3Page - Vishay Siliconix CWR11JH155KCA Datasheet HTML 4Page - Vishay Siliconix CWR11JH155KCA Datasheet HTML 5Page - Vishay Siliconix CWR11JH155KCA Datasheet HTML 6Page - Vishay Siliconix CWR11JH155KCA Datasheet HTML 7Page - Vishay Siliconix CWR11JH155KCA Datasheet HTML 8Page - Vishay Siliconix CWR11JH155KCA Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
50
CWR11
Vishay Sprague
Document Number 40011
Revision 31-Jan-05
For technical questions, contact tantalum@vishay.com
STANDARD RATINGS
Max. DF 120 Hz (%) @
Max. DC Leakage (
µA) @
CAPACITANCE
(
µF)
CASE
CODE
- 55
°C
+ 85
°C
+ 125
°C
+ 25
°C
+ 125
°C
+ 85
°C
PART NUMBER*
+ 25
°C
Max. ESR
@ + 25
°C
100kHz
(Ohms)
# = Tolerance: J = ± 5%, K = ± 10%, M = ± 20%.
* = Weibull Failure Rate (%/1,000 hours): B = 0.1, C = 0.01, D = 0.001
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
1.
Operating Temperature: Capacitors are designed to
operate over the temperature range of - 55°C to + 85°C.
1.1
Capacitors may be operated to + 125°C with voltage
derating to two-thirds the + 85°C rating.
+ 85
°C Rating
+ 125
°C Rating
Working
Voltage
(V)
Working
Voltage
(V)
Surge
Voltage
(V)
Surge
Voltage
(V)
4
6.3
10
16
20
25
35
5.2
8
13
20
26
32
46
2.7
4
7
10
13
17
23
3.4
5
8
12
16
20
28
2.
DC Working Voltage: The DC working voltage is the
maximum operating voltage for continuous duty at the
rated temperature.
3.
Surge Voltage: The surge DC rating is the maximum
voltage to which the capacitors may be subjected
under any conditions, including transients and peak
ripple at the highest line voltage.
3.1
Surge Voltage Test: Capacitors shall withstand the
surge voltage applied in series with a 33 ohm ± 5%
resistor at the rate of one-half minute on, one-half
minute off, at + 85°C, for 1000 successive test cycles.
3.2
Following the surge voltage test, the dissipation factor
- 55°C
- 10%
+
85°C
+ 10%
+ 125°C
+ 12%
PERFORMANCE CHARACTERISTICS
and the leakage current shall meet the initial require-
ments; the capacitance shall not have changed
more than ± 10%.
4.
Capacitance Tolerance: The capacitance of all
capacitors shall be within the specified tolerance
limits of the normal rating.
4.1
Capacitance measurements shall be made by means
of polarized capacitance bridge. The polarizing
voltage shall be of such magnitude that there shall be
no reversal of polarity due to the AC component.
The maximum voltage applied to capacitors during
measurement shall be 2 volts rms at 120 Hz at
+ 25°C. If the AC voltage applied is less than one-
half volt rms, no DC bias is required. Accuracy of the
bridge shall be within ± 2%.
5.
Capacitance Change With Temperature: The
capacitance change with temperature shall not
exceed the following percentage of the capacitance
measured at + 25°C:
6.
Dissipation Factor: The dissipation factor,
determined from the expression 2πfRC, shall not
exceed values listed in the Standard Ratings Table.
6.1
Measurements shall be made by the bridge method
at, or referred to, a frequency of 120 Hz and a
temperature of + 25°C.
0.1
A
CWR11NH104#*
0.5
5
6
4
6
6
22
0.15
B
CWR11NH154#*
0.5
5
6
4
6
6
17
0.22
B
CWR11NH224#*
0.5
5
6
4
6
6
14
0.33
B
CWR11NH334#*
0.5
5
6
4
6
6
12
0.47
C
CWR11NH474#*
0.5
5
6
4
6
6
8
0.68
C
CWR11NH684#*
0.5
5
6
4
6
6
7
1
C
CWR11NH105#*
0.5
5
6
4
6
6
6
1.5
D
CWR11NH155#*
0.8
8
9.6
6
8
9
4
2.2
D
CWR11NH225#*
1.1
11
13.2
6
8
9
2.5
3.3
D
CWR11NH335#*
1.7
17
20.4
6
9
9
2
4.7
D
CWR11NH475#*
2.4
24
28.8
6
9
9
1.5
0.33
A
CWR11MH334#*
0.5
5
6
4
6
6
15
0.47
B
CWR11MH474#*
0.5
5
6
4*
6
6
10
0.68
B
CWR11MH684#*
0.5
5
6
4
6
6
8
1
B
CWR11MH105#*
0.5
5
6
4
6
6
6.5
1.5
C
CWR11MH155#*
0.5
5
6
6
8
9
4.5
2.2
C
CWR11MH225#*
0.8
8
9.6
6
8
9
3.5
3.3
C
CWR11MH335#*
1.2
12
14.4
6
8
9
2.5
4.7
D
CWR11MH475#*
1.7
17
20.4
6
8
9
1.5
6.8
D
CWR11MH685#*
2.4
24
28.8
6
9
9
1.3
50 WVDC @ + 85
°C, SURGE = 65 V . . . 33 WVDC @ + 125°C, SURGE = 40 V


Similar Part No. - CWR11JH155KCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11JH155KBA VISHAY-CWR11JH155KBA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11JH155KBB VISHAY-CWR11JH155KBB Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11JH155KMA VISHAY-CWR11JH155KMA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11JH155KMB VISHAY-CWR11JH155KMB Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11JH155KPA VISHAY-CWR11JH155KPA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
More results

Similar Description - CWR11JH155KCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Revision: 04-Jul-13
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com