Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1846 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1846
Description  NV Tri-Potentiometer, Memory, and MicroMonitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1846 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1846 Datasheet HTML 3Page - Maxim Integrated Products DS1846 Datasheet HTML 4Page - Maxim Integrated Products DS1846 Datasheet HTML 5Page - Maxim Integrated Products DS1846 Datasheet HTML 6Page - Maxim Integrated Products DS1846 Datasheet HTML 7Page - Maxim Integrated Products DS1846 Datasheet HTML 8Page - Maxim Integrated Products DS1846 Datasheet HTML 9Page - Maxim Integrated Products DS1846 Datasheet HTML 10Page - Maxim Integrated Products DS1846 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS1846
7 of 18
2-WIRE SERIAL PORT OPERATION
The 2-wire serial port interface supports a bidirectional data transmission protocol with device
addressing. A device that sends data on the bus is defined as a transmitter, and a device receiving data as
a receiver. The device that controls the message is called a “master.” The devices that are controlled by
the master are “slaves.” The bus must be controlled by a master device that generates the serial clock
(SCL), controls the bus access, and generates the start and stop conditions. The DS1846 operates as a
slave on the 2-wire bus. Connections to the bus are made through the open-drain I/O lines, SDA and SCL.
The following I/O terminals control the 2-wire serial port: SDA, SCL, and A0. Timing diagrams for the
2-wire serial port can be found in Figures 2 and 3. Timing information for the 2-wire serial port is
provided in the AC ELECTRICAL CHARACTERISTICS table for 2-wire serial communications.
The following bus protocol has been defined:
§ Data transfer may be initiated only when the bus is not busy.
§ During data transfer, the data line must remain stable whenever the clock line is high. Changes in the
data line while the clock line is high are interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy: Both data and clock lines remain high.
Start Data Transfer: A change in the state of the data line from high to low while the clock is high
defines a start condition.
Stop Data Transfer: A change in the state of the data line from low to high while the clock line is high
defines the stop condition.
Data Valid: The state of the data line represents valid data when, after a start condition, the data line is
stable for the duration of the high period of the clock signal. The data on the line can be changed during
the low period of the clock signal. There is one clock pulse per bit of data. Figures 2 and 3 detail how
data transfer is accomplished on the 2-wire bus. Depending upon the state of the R/W bit, two types of
data transfer are possible.
Each data transfer is initiated with a start condition and terminated with a stop condition. The number of
data bytes transferred between start and stop conditions is not limited and is determined by the master
device. The information is transferred byte-wise and each receiver acknowledges with a ninth bit.
Within the bus specifications, a regular mode (100kHz clock rate) and a fast mode (400kHz clock rate)
are defined. The DS1846 works in both modes.


Similar Part No. - DS1846

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS1841T++ MAXIM-DS1841T+ Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS1841T+TR MAXIM-DS1841T+TR Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842 MAXIM-DS1842 Datasheet
216Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 1; 3/11
More results

Similar Description - DS1846

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
   Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS3503 MAXIM-DS3503 Datasheet
209Kb / 12P
   NV, I2C, Stepper Potentiometer
Rev 0; 11/08
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
logo
Intersil Corporation
X79000 INTERSIL-X79000 Datasheet
270Kb / 18P
   NV DAC with Selectable Output Range and Memory
logo
Maxim Integrated Produc...
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
   5V and 3.3V MicroMonitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com