Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5150 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # HCPL-5150
Description  0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5150 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button HCPL-5150 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 9Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 10Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 11Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 12Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 13Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 14Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Broadcom
- 11 -
HCPL-5150 and HCPL-5151,
DLA SMD 5962-04205
Data Sheet
Figure 17 IOH Test Circuit
Figure 18 IOL Test Circuit
0.1 μF
VCC = 15
to 30 V
1
3
+
2
4
8
6
7
5
+
4 V
IOH
IF = 10 to
18 mA
_
_
0.1 μF
VCC = 15
to 30 V
1
3
+
2
4
8
6
7
5
2.5 V
IOL
+
_
_
Figure 19 VOH Test Circuit
Figure 20 VOL Test Circuit
0.1 μF
VCC = 15
to 30 V
1
3
IF = 10 to
18 mA
+
2
4
8
6
7
5
100 mA
VOH
_
0.1 μF
VCC = 15
to 30 V
1
3
+
2
4
8
6
7
5
100 mA
VOL
_
Figure 21 IFLH Test Circuit
Figure 22 UVLO Test Circuit
0.1 μF
VCC = 15
to 30 V
1
3
IF
+
2
4
8
6
7
5
VO > 5 V
_
0.1 μF
VCC
1
3
IF = 10 mA
+
2
4
8
6
7
5
VO > 5 V
_


Similar Part No. - HCPL-5150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-100 HP-HCPL-5150-100 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-200 HP-HCPL-5150-200 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-300 HP-HCPL-5150-300 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-5150

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com