Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-5120 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # HCPL-5120
Description  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5120 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button HCPL-5120 Datasheet HTML 5Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 6Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 9Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 10Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 11Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 12Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Broadcom
- 9 -
HCPL-5120, HCPL-5121, and 5962-04204
Data Sheet
Package Characteristics
Figure 7 ICC vs. Temperature
Figure 8 ICC vs. VCC
1.5
2.0
2.5
3.0
3.5
4.0
-55 -35 -15
5
25
45
65
85 105 125
TA - TEMPERATURE-
oC
VCC = 30V
VEE = 0V
IF = 10mA for ICCH
IF = 0mA for ICCL
ICCH
ICCL
1.5
2.0
2.5
3.0
3.5
4.0
15
20
25
30
VCC - SUPPLYVOLTAGE - V
IF = 10mA for ICCH
IF = 0mA for ICCL
TA = 25
oC
VEE = 0V
ICCH
ICCL
Figure 9 IFLH vs. Temperature
Figure 10 Propagation Delay vs. VCC
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-55 -35
5
25 45 65 85
125
-15
105
TA - TEMPERATURE -
oC
VCC = 15 to 30V
VEE = 0V
OUTPUT = OPEN
100
200
300
400
500
15
20
25
30
VCC - SUPPLYVOLTAGE - V
IF = 10m A
VCC = 30V, VEE = 0V
Rg = 10 , Cg = 10 nF
Duty Cycle = 50%
TA = 25
oC, f = 10khz
TPLH
TPHL
Figure 11 Propagation Delay vs. IF
Figure 12 Propagation Delay vs. Temperature
100
200
300
400
500
6
8
10 12 14 16 18 20 22 24 26
IF - FORWARD LED CURRENT- mA
VCC = 30V, VEE = 0V
Rg = 10 , Cg = 10 nF
TA = 25
oC
Duty Cycle = 50%
f = 10khz
TPLH
TPHL
100
200
300
400
500
-55 -35 -15
5
25
45
65
85 105 125
TA - TEMPERATURE-
oC
IF = 10m A
VCC = 30V, VEE = 0V
Rg = 10 , Cg = 10 nF
Duty Cycle = 50%
f = 10khz
TPLH
TPHL


Similar Part No. - HCPL-5120

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120-100 HP-HCPL-5120-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-200 HP-HCPL-5120-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-300 HP-HCPL-5120-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-5120

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com