Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-1930 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # HCPL-1930
Description  Dual-Channel Line Receiver Hermetically Sealed Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-1930 Datasheet(HTML) 4 Page - Broadcom Corporation.

  HCPL-1930 Datasheet HTML 1Page - Broadcom Corporation. HCPL-1930 Datasheet HTML 2Page - Broadcom Corporation. HCPL-1930 Datasheet HTML 3Page - Broadcom Corporation. HCPL-1930 Datasheet HTML 4Page - Broadcom Corporation. HCPL-1930 Datasheet HTML 5Page - Broadcom Corporation. HCPL-1930 Datasheet HTML 6Page - Broadcom Corporation. HCPL-1930 Datasheet HTML 7Page - Broadcom Corporation. HCPL-1930 Datasheet HTML 8Page - Broadcom Corporation. HCPL-1930 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Broadcom
- 4 -
HCPL-1930, HCPL-1931, HCPL-193K, 5962-89572
Data Sheet
Hermetic Optocoupler Options
Note: Dimensions in millimeters (inches).
Option
Description
100
Surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is available on Commercial,
Class H, and Class K product.
200
Lead finish is solder dipped rather than gold plated. This option is available on Commercial, Class H, and Class K product. DLA
Drawing (SMD) part numbers contain provisions for lead finish.
300
Surface mountable hermetic optocoupler with leads cut and bent for gull wing assembly. This option is available on
Commercial, Class H, and Class K product. This option has solder-dipped leads.
600
Surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is available on Commercial,
Class H, and Class K product. Contact factory for the availability of this option on DLA part types.
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
0.51 (0.020)
MIN.
2.29 (0.090)
2.79 (0.110)
7.36 (0.290)
7.87 (0.310)
1.14 (0.045)
1.40 (0.055)
0.20 (0.008)
0.33 (0.013)
4.57 (0.180)
MAX.
0.51 (0.020)
MAX.
0.51 (0.020)
MIN.
5° MAX.
4.57 (0.180)
MAX.
2.29 (0.090)
2.79 (0.110)
1.40 (0.055)
1.65 (0.065)
9.65 (0.380)
9.91 (0.390)
0.20 (0.008)
0.33 (0.013)
1.07 (0.042)
1.32 (0.052)
3.81 (0.150)
MIN.
0.51 (0.020)
MIN.
2.29 (0.090)
2.79 (0.110)
1.14 (0.045)
1.25 (0.049)
0.20 (0.008)
0.33 (0.013)
7.36 (0.290)
7.87 (0.310)


Similar Part No. - HCPL-1930

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-1930-100 HP-HCPL-1930-100 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
HCPL-1930-200 HP-HCPL-1930-200 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
HCPL-1930-300 HP-HCPL-1930-300 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
More results

Similar Description - HCPL-1930

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
66013 MICROPAC-66013 Datasheet
88Kb / 2P
   DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER
66126 MICROPAC-66126 Datasheet
87Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
66056 MICROPAC-66056 Datasheet
89Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED, VERY HIGH SPEED OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
66012 MICROPAC-66012 Datasheet
93Kb / 2P
   FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com