Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR288 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR288
Description  3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link Receiver - 75 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR288 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CR288 Datasheet HTML 1Page - National Semiconductor (TI) DS90CR288 Datasheet HTML 2Page - National Semiconductor (TI) DS90CR288 Datasheet HTML 3Page - National Semiconductor (TI) DS90CR288 Datasheet HTML 4Page - National Semiconductor (TI) DS90CR288 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR288 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR288 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR288 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR288 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Receiver Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
CLHT
CMOS/TTL Low-to-High Transition Time (
Figure 2)
2
3.5
ns
CHLT
CMOS/TTL High-to-Low Transition Time (
Figure 2)
1.8
3.5
ns
RSPos0
Receiver Input Strobe Position for Bit 0 (
Figure 8)
f = 75 MHz
0.58
0.95
1.32
ns
RSPos1
Receiver Input Strobe Position for Bit 1
2.49
2.86
3.23
ns
RSPos2
Receiver Input Strobe Position for Bit 2
4.39
4.76
5.13
ns
RSPos3
Receiver Input Strobe Position for Bit 3
6.30
6.67
7.04
ns
RSPos4
Receiver Input Strobe Position for Bit 4
8.20
8.57
8.94
ns
RSPos5
Receiver Input Strobe Position for Bit 5
10.11
10.48
10.85
ns
RSPos6
Receiver Input Strobe Position for Bit 6
12.01
12.38
12.75
ns
RSKM
Receiver Skew Margin (when used with DS90CR287) (Note
4) (
Figure 9)
f = 75 MHz
380
ps
RCOP
RxCLK OUT Period (
Figure 3)
13.33
T
50
ns
RCOH
RxCLK OUT High Time (
Figure 3)
f = 75 MHz
3.6
5
6.0
ns
RCOL
RxCLK OUT Low Time (
Figure 3)
3.6
5
6.0
ns
RSRC
RxOUT Setup to RxCLK OUT (
Figure 3)
3.5
ns
RHRC
RxOUT Hold to RxCLK OUT (
Figure 3)
3.5
ns
RCCD
RxCLK IN to RxCLK OUT Delay @ 25˚C, V
CC = 3.3V (Note 5)(Figure 4)
3.4
5.0
7.3
ns
RPLLS
Receiver Phase Lock Loop Set (
Figure 5)10
ms
RPDD
Receiver Powerdown Delay (
Figure 7)1
µs
Note 4: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account the transmitter pulse positions (min
and max) and the receiver input setup and hold time (internal data sampling window-RSPOS). This margin allows LVDS interconnect skew, inter-symbol interference
(both dependent on type/length of cable), and source clock (less than 250 ps).
Note 5: Total latency for the channel link chipset is a function of clock period and gate delays through the transmitter (TCCD) and receiver (RCCD). The total latency
for the 217/287 transmitter and 218/288 receiver is: (T + TCCD) + (2*T + RCCD), where T = Clock period. See also DS90CR287/DS90CR288A datasheet.
AC Timing Diagrams
DS100872-2
FIGURE 1. “Worst Case” Test Pattern
DS100872-5
DS100872-6
FIGURE 2. DS90CR288 (Receiver) CMOS/TTL Output Load and Transition Times
www.national.com
4


Similar Part No. - DS90CR288

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR288A NSC-DS90CR288A Datasheet
224Kb / 20P
   28-Bit Channel Link-85MHz
DS90CR288A NSC-DS90CR288A Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR288AMTD NSC-DS90CR288AMTD Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR288AMTD NSC-DS90CR288AMTD Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
logo
Texas Instruments
DS90CR288AMTD TI1-DS90CR288AMTD Datasheet
1Mb / 24P
[Old version datasheet]   DS90CR287/DS90CR288A 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link - 85MHz
More results

Similar Description - DS90CR288

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR286A NSC-DS90CR286A Datasheet
250Kb / 12P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR218 NSC-DS90CR218 Datasheet
239Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link Receiver - 75 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
logo
Texas Instruments
DS90CR286AT-Q1 TI1-DS90CR286AT-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link 66 MHz
logo
National Semiconductor ...
DS90CR287 NSC-DS90CR287_04 Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR285MTDX TI1-DS90CR285MTDX Datasheet
1Mb / 25P
[Old version datasheet]   DS90CR285/DS90CR286 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com