Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-054L Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # ACPL-054L
Description  Low Power, 1 MBd Digital Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-054L Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button ACPL-054L Datasheet HTML 10Page - Broadcom Corporation. ACPL-054L Datasheet HTML 11Page - Broadcom Corporation. ACPL-054L Datasheet HTML 12Page - Broadcom Corporation. ACPL-054L Datasheet HTML 13Page - Broadcom Corporation. ACPL-054L Datasheet HTML 14Page - Broadcom Corporation. ACPL-054L Datasheet HTML 15Page - Broadcom Corporation. ACPL-054L Datasheet HTML 16Page - Broadcom Corporation. ACPL-054L Datasheet HTML 17Page - Broadcom Corporation. ACPL-054L Datasheet HTML 18Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Broadcom
- 15 -
ACPL-M50L, ACPL-054L, ACPL-W50L, ACPL-K54L
Data Sheet
Figure 12 Typical Propagation Delay vs. Temperature
(ACPL-M50L)
Figure 13 Typical Propagation Delay vs. Temperature
(ACPL-054L/W50L/K54L)
0
100
200
300
400
500
600
700
800
-60
-40
-20
0
20
40
60
80
100
120
tPLH
tPHL
IF = 3 mA, VCC = 3.3 V
RL = 1.9 k
RL = 1.2 k
TA - TEMPERATURE - °C
0
100
200
300
400
500
600
700
800
-60
-40
-20
0
20
40
60
80
100
120
IF = 3 mA, VCC = 3.3 V
RL = 1.8 k
TA - TEMPERATURE - °C
tPLH
tPHL
Figure 14 Typical Propagation Delay vs. Temperature
(ACPM-M50L)
Figure 15 Typical Propagation Delay vs. Temperature
(ACPL-054L/W50L/K54L)
TA - TEMPERATURE - °C
0
100
200
300
400
500
600
700
800
-60
-40
-20
0
20
40
60
80
100
120
tPLH
tPHL
IF = 3 mA, VCC = 5 V
RL = 4.1 k
RL = 1.9 k
TA - TEMPERATURE - °C
0
100
200
300
400
500
600
700
800
-60
-40
-20
0
20
40
60
80
100
120
IF = 3 mA, VCC = 5 V
RL = 2.9 k
tPLH
tPHL
Figure 16 Typical Propagation Delay vs. Temperature
(ACPL-M50L)
Figure 17 Typical Propagation Delay vs. Temperature
(ACPL-054L/W50L/K54L)
TA - TEMPERATURE - °C
0
100
200
300
400
500
600
-60
-40
-20
0
20
40
60
80
100
120
tPLH
tPHL
IF = 3 mA, VCC = 24 V
RL = 20 k
RL = 10 k
TA - TEMPERATURE - °C
0
100
200
300
400
500
600
-60
-40
-20
0
20
40
60
80
100
120
tPLH
tPHL
IF = 3 mA, VCC = 24 V
RL = 14.8 k


Similar Part No. - ACPL-054L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-054L-000E AVAGO-ACPL-054L-000E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-054L-060E AVAGO-ACPL-054L-060E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-054L-500E AVAGO-ACPL-054L-500E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-054L-560E AVAGO-ACPL-054L-560E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
More results

Similar Description - ACPL-054L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
   2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
ACNV2601 BOARDCOM-ACNV2601 Datasheet
1Mb / 13P
   High Insulation Voltage 10-MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACNV2601-300E AVAGO-ACNV2601-300E Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
ACNV2601 AVAGO-ACNV2601 Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com