Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS28E04-100 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS28E04-100
Description  4096-Bit Addressable 1-Wire EEPROM with PIO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28E04-100 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS28E04-100 Datasheet HTML 6Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 7Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 8Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 9Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 10Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 11Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 12Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 13Page - Dallas Semiconductor DS28E04-100 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
DS28E04-100: 4096-Bit 1-Wire Addressable EEPROM with PIO
10 of 36
PIO Activity Latch State Register
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0222h
0
0
0
0
0
0
AL1
AL0
The data in this register represents the current state of the PIO activity latches. This register is read using the Read
Memory command. This register is read-only. Each bit is associated with the activity latch of the respective PIO
channel. Bits 2 to 7 have no function; they always read 0. A state transition on a PIO pin, High
èLow or
Low
èHigh, of a duration greater than tPWMIN causes the associated bit in the register to be set to a 1. This register
is cleared to 00h by a power-on reset, or by successful execution of the Reset Activity Latches command.
The next three registers control the device's participation a Conditional Search ROM sequence. The interaction of
the various signals that determine whether the device responds to a conditional search is illustrated in Figure 7.
There is a selection mask, SM, to select the participating PIOs, a polarity selection SP to specify for each channel
whether the channel signal needs to be 1 or 0 to qualify, and a PLS bit to select either the activity latches or PIO
pins as inputs. The signals of all channels are fed into an AND gate as well as an OR gate. The CT bit finally
selects the AND’ed or OR’ed result as the conditional search response signal CSR. If CT is 0, the channel signal of
at least one of the selected channels must match the corresponding polarity. If CT is 1, the channel signals of all
selected channels must match the corresponding polarity.
Figure 7. CONDITIONAL SEARCH LOGIC
AL1
P1
PLS
SP0
SM0
CT
SM1
SP1
AL0
P0
CSR
Channel 0
Channel 1
PORL
Conditional Search Channel Selection Mask Register
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0223h
0
0
0
0
0
0
SM1
SM0
The data in this register controls whether a PIO channel qualifies for participation in the conditional search
command. To include a PIO channel, the bits in this register that correspond to those channels need to be set to 1.
This register can only be written through the Write Register command. This register is read/write. Each bit is
associated with the respective PIO channel as shown in Figure 7. Bits 2 to 7 have no function; they always read 0
and cannot be changed to 1. This register is cleared to 00h by a power-on reset.


Similar Part No. - DS28E04-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E04-100 MAXIM-DS28E04-100 Datasheet
853Kb / 37P
   4096-Bit Addressable 1-Wire EEPROM with PIO
Rev 12/11
More results

Similar Description - DS28E04-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E04-100 MAXIM-DS28E04-100 Datasheet
853Kb / 37P
   4096-Bit Addressable 1-Wire EEPROM with PIO
Rev 12/11
logo
List of Unclassifed Man...
NVM3060 ETC-NVM3060 Datasheet
577Kb / 13P
   4096-Bit EEPROM
logo
Maxim Integrated Produc...
DS28CZ04 MAXIM-DS28CZ04 Datasheet
224Kb / 22P
   4kbit I짼C/SMBus EEPROM with Nonvolatile PIO
REV: 061107
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A_07 Datasheet
698Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com