Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-024L Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # ACPL-024L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-024L Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button ACPL-024L Datasheet HTML 8Page - Broadcom Corporation. ACPL-024L Datasheet HTML 9Page - Broadcom Corporation. ACPL-024L Datasheet HTML 10Page - Broadcom Corporation. ACPL-024L Datasheet HTML 11Page - Broadcom Corporation. ACPL-024L Datasheet HTML 12Page - Broadcom Corporation. ACPL-024L Datasheet HTML 13Page - Broadcom Corporation. ACPL-024L Datasheet HTML 14Page - Broadcom Corporation. ACPL-024L Datasheet HTML 15Page - Broadcom Corporation. ACPL-024L Datasheet HTML 16Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Broadcom
- 15 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L:
VI = 3.3V: R1 = 510 ±1%, R2 = 330 ±1%
VI = 5.0V: R1 = 1 k ±1%, R2 = 600 ±1%
RT = R1 + R2 ≈ R1 / R2 ≈ 1.5
Figure 18 Recommended Printed Circuit Board Layout and Input Current Limiting Resistor Selection
5
4
6
3
1
IF
GND1
Vo
VDD
C
GND2
VI
R1
R2
ACPL-M21L
ACPL-021L
5
3
4
2
7
6
8
1
IF
Vo
VDD
C
GND2
VI
R1
GND2
R2
NC
ACPL-024L/K24L
5
3
4
2
7
6
8
1
IF
GND1
Vo1
VDD
C
GND2
VI
R1
R2
IF
GND2
VI
R1
R2
Vo2
C = 0.1 μF
5
4
6
3
1
IF
GND1
Vo
VDD
C
GND2
VI
R1
R2
ACPL-W21L


Similar Part No. - ACPL-024L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-024L AVAGO-ACPL-024L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-024L BOARDCOM-ACPL-024L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-024L-000E AVAGO-ACPL-024L-000E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-024L-060E AVAGO-ACPL-024L-060E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-024L-500E AVAGO-ACPL-024L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
More results

Similar Description - ACPL-024L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
   2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com