Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-024L Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # ACPL-024L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-024L Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button ACPL-024L Datasheet HTML 7Page - Broadcom Corporation. ACPL-024L Datasheet HTML 8Page - Broadcom Corporation. ACPL-024L Datasheet HTML 9Page - Broadcom Corporation. ACPL-024L Datasheet HTML 10Page - Broadcom Corporation. ACPL-024L Datasheet HTML 11Page - Broadcom Corporation. ACPL-024L Datasheet HTML 12Page - Broadcom Corporation. ACPL-024L Datasheet HTML 13Page - Broadcom Corporation. ACPL-024L Datasheet HTML 14Page - Broadcom Corporation. ACPL-024L Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Broadcom
- 11 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Switching Specifications (AC)
Over recommended temperature (TA = –40°C to +105°C), supply voltage (2.7V ≤ VDD ≤ 5.5V). All typical specifications are at
VDD = 2.7V, TA = 25°C.
NOTE
Use of a 0.1 μF bypass capacitor connected between VDD and ground is recommended.
Package Characteristics
All typical at TA = 25°C.
Table 8 Switching Specifications (AC)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Propagation Delay Time to Logic Low
Outputa
a.
tPHL propagation delay is measured from the 50% (Vin or IF) on the falling edge of the input pulse to the 50% VDD of the falling edge of the VO signal. tPLH
propagation delay is measured from the 50% (Vin or IF) on the rising edge of the input pulse to the 50% level of the rising edge of the VO signal.
tPHL
130
250
ns
IF=2.2 mA, CL=15 pF (Figure 13,
Figure 17), CMOS Signal Levels
Propagation Delay Time to Logic
High Outputa
tPLH
115
250
ns
IF=2.2 mA, CL=15 pF (Figure 14,
Figure 17), CMOS Signal Levels
Pulse Width Distortionb
b.
PWD is defined as |tPHL – tPLH|.
PWD
200
ns
CMOS Signal Levels
Propagation Delay Skewc
c.
tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature within the
recommended operating conditions.
tPSK
220
ns
Output Rise Time (10% to 90%)
tR
11
ns
IF = 2.2 mA, CL= 15 pF,
CMOS Signal Levels.
Output Fall Time (90% to 10%)
tF
11
ns
IF = 2.2 mA, CL= 15 pF,
CMOS Signal Levels.
Static Common Mode Transient
Immunity at Logic High Outputd
d.
CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state.
|CMH|25
40
kV/μs
VCM = 1000V, TA = 25°C, IF = 2.2 mA,
CL= 15 pF, VI = 5V, (RT = 1.6 k) or
VI = 3.3V, (RT = 840 ),
CMOS Signal Levels, Figure 18
Static Common Mode Transient
Immunity at Logic Low Outpute
e.
CML is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a low logic state.
|CML|25
40
kV/μs
VCM = 1000V, TA = 25°C, IF = 0 mA,
CL= 15 pF, VI = 0V, (RT = 1.6 k) or
(RT = 840), CMOS Signal Levels,
Figure 18
Table 9 Package Characteristics
Parameter
Symbol
Part Number
Min.
Typ.
Max.
Units
Test Conditions
Input-Output Insulation
VISO
ACPL-M21L/024L/021L 3750
Vrms
RH < 50% for 1 min., TA = 25°C
ACPL-W21L/K24L
5000
Input-Output Resistance
RI-O
1012
VI-O = 500 V
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, TA = 25°C


Similar Part No. - ACPL-024L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-024L AVAGO-ACPL-024L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-024L BOARDCOM-ACPL-024L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-024L-000E AVAGO-ACPL-024L-000E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-024L-060E AVAGO-ACPL-024L-060E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-024L-500E AVAGO-ACPL-024L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
More results

Similar Description - ACPL-024L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
   2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com