Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSTF30100S Datasheet(PDF) 1 Page - Littelfuse

Part # DSTF30100S
Description  High frequency operation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DSTF30100S Datasheet(HTML) 1 Page - Littelfuse

  DSTF30100S Datasheet HTML 1Page - Littelfuse DSTF30100S Datasheet HTML 2Page - Littelfuse DSTF30100S Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
©2016 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:02/03/16
DSTF30100S, 30A, 100V, ITO-220AB, Single
DSTF30100S
RoHS Pb
Description
Maximum Ratings
Parameters
Symbol
Test Conditions
Max
Unit
Peak Inverse Voltage
V
RWM
-
100
V
Average Forward Current (per device)
I
F(AV)
50% duty cycle @T
C =70°C
rectangular wave form
30
A
Peak One Cycle Non-Repetitive Surge
Current (per leg)
I
FSM
8.3 ms, half Sine pulse
300
A
Electrical Characteristics
Applications
Features
Pin out
Littelfuse DST series Ultra Low V
F Schottky Barrier
Rectifier is designed to meet the general requirements
of commercial and industry applications by providing high
temperature, low leakage and lower V
F products.
It is suitable for high frequency switching mode power
supply, free-wheeling diodes and polarity protection
diodes.
• Ultra low forward voltage
drop
• High frequency operation
• High junction
temperature capability
• Guard ring for enhanced
ruggedness and long
term reliability
• Single die in ITO-220AB
package
• Switching mode power
supply
• DC/DC converters
• Free-Wheeling diodes
• Polarity Protection Diodes
Parameters
Symbol
Test Conditions
Max
Unit
Forward Voltage Drop (per leg) *
V
F1
@30A, Pulse, T
J = 25 °C
0.90
V
V
F2
@30A, Pulse, T
J = 125 °C
0.78
Reverse Current (per leg) *
I
R1
@V
R = rated VR TJ = 25 °C
1
μA
I
R2
@V
R = rated VR TJ = 125 °C
75
mA
* Pulse Width < 300μs, Duty Cycle <2%


Similar Part No. - DSTF30100S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DSTF30100C LITTELFUSE-DSTF30100C Datasheet
701Kb / 3P
   High frequency operation
More results

Similar Description - DSTF30100S

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
124NQ-1 SMC-124NQ-1 Datasheet
217Kb / 4P
   High frequency operation
STD20150 SMC-STD20150 Datasheet
208Kb / 5P
   High frequency operation
logo
Littelfuse
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
   High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
   High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
   High frequency operation
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
   High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
   High frequency operation
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
127Kb / 6P
   High frequency operation
Revision: 19-Mar-15
logo
Littelfuse
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
   High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
   High frequency operation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com