Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520Y157M016ATE0507280 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T520Y157M016ATE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520Y157M016ATE0507280 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T520Y157M016ATE0507280 Datasheet HTML 3Page - Kemet Corporation T520Y157M016ATE0507280 Datasheet HTML 4Page - Kemet Corporation T520Y157M016ATE0507280 Datasheet HTML 5Page - Kemet Corporation T520Y157M016ATE0507280 Datasheet HTML 6Page - Kemet Corporation T520Y157M016ATE0507280 Datasheet HTML 7Page - Kemet Corporation T520Y157M016ATE0507280 Datasheet HTML 8Page - Kemet Corporation T520Y157M016ATE0507280 Datasheet HTML 9Page - Kemet Corporation T520Y157M016ATE0507280 Datasheet HTML 10Page - Kemet Corporation T520Y157M016ATE0507280 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016
77
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to equivalent series resistance (ESR) and the power dissipation
capabilities of the device.
Permissible AC ripple voltage which may be applied is limited by two criteria:
a. The positive peak AC voltage plus the DC bias voltage, if any, must not exceed the DC voltage rating of the capacitor.
b. The negative peak AC voltage, in combination with bias voltage, if any, must not exceed the allowable limits specified for
reverse voltage.
The maximum power dissipation by case size can be determined using the below table.
Temperature Compensation Multipliers
for Maximum Ripple Current
T ≤ 45°C
45° C < T ≤ 85°C
85°C < T ≤ 105°C
1.00
0.70
0.25
T= Environmental Temperature
Using the P max of the device, the maximum allowable rms ripple current or voltage may be determined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation(watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (Ohms)
Refer to part number listings for permittable Arms limits.
Case Code
EIA
Case Code
Maximum Power Dissipation (P max)
mWatts at 45°C with +30°C Rise
For T520/T521/T545
For T523/T548
T
3528-12
105
N/A
M
3528-15
120
N/A
B
3528-21
127
N/A
W
7343-15
180
395
V
7343-20
187
410
Y
7343-40
241
N/A
X
7343-43
247
N/A
J
7360-15
200
440
H
7360-20
200
440
O
7360-43
300
N/A
The maximum power dissipation rating must be reduced with increasing environmental operating temperatures. Refer to the Temperature Compensation
Multiplier table for details.


Similar Part No. - T520Y157M016ATE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520Y157M003AHE015 KEMET-T520Y157M003AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y157M003AHE045 KEMET-T520Y157M003AHE045 Datasheet
1Mb / 26P
   High frequency capacitance retention
T520Y157M003AME045 KEMET-T520Y157M003AME045 Datasheet
1Mb / 26P
   High frequency capacitance retention
T520Y157M003ASE015 KEMET-T520Y157M003ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y157M003ATE015 KEMET-T520Y157M003ATE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T520Y157M016ATE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com