Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGM9147 Datasheet(PDF) 1 Page - SG Micro Corp

Part No. SGM9147
Description  13MHz Rail-to-Rail Composite Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SGMICRO [SG Micro Corp]
Homepage  http://www.sg-micro.com
Logo 

SGM9147 Datasheet(HTML) 1 Page - SG Micro Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SGM9147
13MHz Rail-to-Rail Composite
Video Driver with 6dB Gain
REV. A. 1
SG Micro Corp
www.sg-micro.com
GENERAL DESCRIPTION
The SGM9147 is a single rail-to-rail 5-pole output
reconstruction filter with a -3dB bandwidth of 13MHz
and 60V/µs slew rate. Operating from single power
supply ranging from 3.0V to 5.5V and sinking 5mA
quiescent current, the SGM9147 is ideally suited for
low power, battery-operated applications.
The SGM9147 employs an internal level shift circuit
that avoids sync-pulse clipping and allows DC-coupled
output.
The SGM9147 is available in Green SC70-5 package.
It is specified over the -40
℃ to +85℃ temperature
range.
BLOCK DIAGRAM
OUT
SGM9147
5-Pole
Filter
6dB
Level
Shifter
GND
IN
VCC
VCC = 3.0V to 5.5V
NOTE: Power supply VCC must be sequenced on first before
input video signals.
FEATURES
● Excellent Video Performance
● 5-Pole Reconstruction Filter
● Internal Gain: 6dB
● Rail-to-Rail Output
● Input Voltage Range Includes Ground
● AC- and DC-Coupled Input
● Operates from 3.0V to 5.5V Single Power Supply
● Low Power
5mA Typical Supply Current
● Available in Green SC70-5 Package
● -40℃ to +85℃ Operating Temperature Range
APPLICATIONS
Video Amplifiers
Cable and Satellite Set-Top Boxes
Communication Devices
Video on Demand
Portable and Handheld Products
Personal Video Recorders
DVD Players
HDTV


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn