Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGM9147 Datasheet(PDF) 7 Page - SG Micro Corp

Part No. SGM9147
Description  13MHz Rail-to-Rail Composite Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SGMICRO [SG Micro Corp]
Homepage  http://www.sg-micro.com
Logo 

SGM9147 Datasheet(HTML) 7 Page - SG Micro Corp

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACKAGE INFORMATION
SG Micro Corp
www.sg-micro.com
TX00043.000
PACKAGE OUTLINE DIMENSIONS
SC70-5
e
e1
E1
E
D
b
A
A2
A1
L
c
θ
0.20
L1
RECOMMENDED LAND PATTERN
(Unit: mm)
1.9
0.65
1.3
0.75
0.4
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
MIN
MAX
MIN
MAX
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
c
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.65 TYP
0.026 TYP
e1
1.300 BSC
0.051 BSC
L
0.525 REF
0.021 REF
L1
0.260
0.460
0.010
0.018
θ


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn