Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9147 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM9147
Description  13MHz Rail-to-Rail Composite Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9147 Datasheet(HTML) 6 Page - SG Micro Corp

  SGM9147 Datasheet HTML 1Page - SG Micro Corp SGM9147 Datasheet HTML 2Page - SG Micro Corp SGM9147 Datasheet HTML 3Page - SG Micro Corp SGM9147 Datasheet HTML 4Page - SG Micro Corp SGM9147 Datasheet HTML 5Page - SG Micro Corp SGM9147 Datasheet HTML 6Page - SG Micro Corp SGM9147 Datasheet HTML 7Page - SG Micro Corp SGM9147 Datasheet HTML 8Page - SG Micro Corp SGM9147 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
13MHz Rail-to-Rail Composite
SGM9147
Video Driver with 6dB Gain
SG Micro Corp
www.sg-micro.com
TYPICAL APPLICATION CIRCUIT
SGM9147
CVBS
75Ω
IN
GND
OUT
VCC
75Ω
0.1µF
or 0.01µF
10µF
+5V
CVBS
0.1µF
220µF
NOTE:
1. Power supply VCC must be sequenced on first before input video signals.
Figure 1. AC Coupling Application Schematic
APPLICATION INFORMATION
Output Considerations
 
Functional Description
SGM9147 operates from a single 3.0V to 5.5V supply.
In application, SGM9147 is a fully integrated solution
for filtering and buffering SDTV signals in front of video
decoder or behind video encoder. For example,
SGM9147 can replace a passive LC filter and an
amplifier driver at CVBS side in set-top box and DVD
player. This solution can help reduce PCB size and
production cost, and it also improves video signal
performance comparing with traditional design using
discrete components. SGM9147 features a DC-coupled
input buffer, a 5-pole low-pass filter to eliminate
out-of-band noise of video encoder, and a gain of 6dB
in the output amplifier to drive 75Ω load. The AC- or
DC-coupled input buffer eliminates sync crush, droop,
and field tilt. The output of SGM9147 also can be
DC-coupled or AC-coupled.
The SGM9147 outputs can be DC-coupled or
AC-coupled. When input is 0V, the SGM9147 output
voltage is 290mV typically. In DC coupling design, one
75Ω resistor is used to connect SGM9147’s output pin
with external load directly, and this serial back-
termination resistor is used to match the impedance of
the transmission line between SGM9147 and external
load to cancel the signal reflection. The SGM9147
outputs can sink and source current allowing the device
to be AC-coupled with external load. In AC coupling, at
least 220µF capacitor will be used in order to eliminate
field tilt.
Power-Supply Bypassing and Layout
Correct power supply bypassing is very important for
optimizing video performance in design. One 0.1µF and
one 10µF capacitors are always used to bypass VCC pin
of SGM9147. Place these two capacitors as close to
the SGM9147 supply pin as possible. A large ground
plane is also needed to ensure optimum performance.
The input and output termination resistors should be
placed as close to the related pins of SGM9147 as
possible to avoid performance degradation. The PCB
traces at the output side should have 75Ω characteristic
impedance in order to match the 75Ω characteristic
impedance of the cable connecting external load. In
design, keep the board trace at the inputs and outputs
of the SGM9147 as short as possible to minimize the
parasitic stray capacitance and noise pickup.
Input Considerations
Besides AC coupling, the SGM9147 inputs also can be
DC-coupled. In DC coupling application, no input
coupling capacitors are needed because the amplitude
of input video signal from DAC includes ground and
extends up to 1.4V, and SGM9147 can be directly
connected
to
the
output
of
a
single-supply,
current-output DAC without any external bias network.
In applications where
DAC’s output level exceeds the
range from 0V to 1.4V, or SGM9147 is driven by an
unknown external source or a SCART switch which has
its own clamping circuit, AC coupling is needed.
6


Similar Part No. - SGM9147

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9140 SGMICRO-SGM9140 Datasheet
305Kb / 10P
   Video Driver
SGM9140AYMS8G/TR SGMICRO-SGM9140AYMS8G/TR Datasheet
305Kb / 10P
   Video Driver
SGM9140BYMS8G/TR SGMICRO-SGM9140BYMS8G/TR Datasheet
305Kb / 10P
   Video Driver
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
   3-Input Video Switch
SGM9141BYS8G/TR SGMICRO-SGM9141BYS8G/TR Datasheet
303Kb / 10P
   3-Input Video Switch
More results

Similar Description - SGM9147

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111 Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9110 SGMICRO-SGM9110 Datasheet
542Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com