Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9147 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM9147
Description  13MHz Rail-to-Rail Composite Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9147 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM9147 Datasheet HTML 1Page - SG Micro Corp SGM9147 Datasheet HTML 2Page - SG Micro Corp SGM9147 Datasheet HTML 3Page - SG Micro Corp SGM9147 Datasheet HTML 4Page - SG Micro Corp SGM9147 Datasheet HTML 5Page - SG Micro Corp SGM9147 Datasheet HTML 6Page - SG Micro Corp SGM9147 Datasheet HTML 7Page - SG Micro Corp SGM9147 Datasheet HTML 8Page - SG Micro Corp SGM9147 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
13MHz Rail-to-Rail Composite
SGM9147
Video Driver with 6dB Gain
SG Micro Corp
www.sg-micro.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
At VCC = 5V, TA = +25
℃, at RL = 150Ω connected to GND, VIN = 1VPP and CIN = 0.1μF, output AC-coupled, referenced to 400kHz,
unless otherwise noted.
Gain vs. Frequency
Phase vs. Frequency
-15
-12
-9
-6
-3
0
3
0.1
1
10
100
Frequency (MHz)
-270
-180
-90
0
90
180
270
0.1
1
10
100
Frequency (MHz)
Large Signal Step Response
Small Signal Step Response
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
-0.35
-0.15
0.05
0.25
0.45
0.65
0.85
Time (µs)
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
-0.35
-0.15
0.05
0.25
0.45
0.65
0.85
Time (μs)
Group Delay vs. Frequency
-50
-20
10
40
70
100
130
0.1
1
10
100
Frequency (MHz)


Similar Part No. - SGM9147

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9140 SGMICRO-SGM9140 Datasheet
305Kb / 10P
   Video Driver
SGM9140AYMS8G/TR SGMICRO-SGM9140AYMS8G/TR Datasheet
305Kb / 10P
   Video Driver
SGM9140BYMS8G/TR SGMICRO-SGM9140BYMS8G/TR Datasheet
305Kb / 10P
   Video Driver
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
   3-Input Video Switch
SGM9141BYS8G/TR SGMICRO-SGM9141BYS8G/TR Datasheet
303Kb / 10P
   3-Input Video Switch
More results

Similar Description - SGM9147

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111 Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9110 SGMICRO-SGM9110 Datasheet
542Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com