Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SGM9147 Datasheet(PDF) 4 Page - SG Micro Corp

Part No. SGM9147
Description  13MHz Rail-to-Rail Composite Video Driver
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SGMICRO [SG Micro Corp]
Homepage  http://www.sg-micro.com
Logo 

SGM9147 Datasheet(HTML) 4 Page - SG Micro Corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
13MHz Rail-to-Rail Composite
SGM9147
Video Driver with 6dB Gain
SG Micro Corp
www.sg-micro.com
4
ELECTRICAL CHARACTERISTICS
(At VCC = 5V, TA = +25
℃, at RL = 150Ω connected to GND, VIN = 1VPP and CIN = 0.1μF, output AC-coupled, referenced to 400kHz,
unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Output Level Shift Voltage (VOLS)
VIN = 0V, No load
290
550
mV
Input Voltage Clamp (VCLAMP)
IIN = -3.5mA
-210
mV
Clamp Charge Current
VIN = VCLAMP - 100mV
-4.8
mA
Clamp Discharge Current
VIN = 500mV
1.8
µA
Voltage Gain (AV)
RL = 150Ω
5.6
6
6.4
dB
OUTPUT CHARACTERISTICS
Output Voltage High Swing
VIN = 3.0V, RL = 150Ω to GND
4.74
V
VIN = 0.5V, Out shorted to VCC through 36Ω
-102
Output Short-Circuit Current (ISC)
VIN = 1.5V, Out shorted to GND through 36Ω
91
mA
POWER SUPPLY
Operating Voltage Range
3.0
5.5
V
Power Supply Rejection Ratio (PSRR)
VCC = 3.5V to 5.0V
50
dB
Quiescent Current (IQ)
VIN = 0.5V
5
8.8
mA
DYNAMIC PERFORMANCE
-0.1dB Bandwidth
10
MHz
-1dB Bandwidth
11.5
MHz
-3dB Bandwidth
13
MHz
Filter Response (Normalized Gain)
fIN = 27MHz
30
dB
Slew Rate
2V Output step, 80% to 20%
60
V/µs
DC-DC coupled
0.65
Differential Gain Error (DG)
AC-AC coupled
1.15
%
DC-DC coupled
1
Differential Phase Error (DP)
AC-AC coupled
1.5
°
Group Delay Variation (D/DT)
Difference between 400kHz and 6.5MHz
6
ns
Fall Time
2V Output step, 80% to 20%
20
ns
Rise Time
2V Output step, 80% to 20%
20
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn