Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9141 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SGM9141
Description  3-Input Video Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9141 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SGM9141 Datasheet HTML 2Page - SG Micro Corp SGM9141 Datasheet HTML 3Page - SG Micro Corp SGM9141 Datasheet HTML 4Page - SG Micro Corp SGM9141 Datasheet HTML 5Page - SG Micro Corp SGM9141 Datasheet HTML 6Page - SG Micro Corp SGM9141 Datasheet HTML 7Page - SG Micro Corp SGM9141 Datasheet HTML 8Page - SG Micro Corp SGM9141 Datasheet HTML 9Page - SG Micro Corp SGM9141 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SGM9141
3-Input Video Switch
6
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25
℃, VIN = 1VPP, all inputs are AC-coupled with 0.1µF; all outputs are AC-coupled with 220µF into 150Ω, unless otherwise
noted.
Bandwidth vs. Frequency
-25
-20
-15
-10
-5
0
5
10
0.01
0.1
1
10
100
Frequency (MHz)
VCC = 5V
Bandwidth vs. Frequency
-25
-20
-15
-10
-5
0
5
10
0.01
0.1
1
10
100
Frequency (MHz)
VCC = 12V


Similar Part No. - SGM9141

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9140 SGMICRO-SGM9140 Datasheet
305Kb / 10P
   Video Driver
SGM9140AYMS8G/TR SGMICRO-SGM9140AYMS8G/TR Datasheet
305Kb / 10P
   Video Driver
SGM9140BYMS8G/TR SGMICRO-SGM9140BYMS8G/TR Datasheet
305Kb / 10P
   Video Driver
SGM9144 SGMICRO-SGM9144 Datasheet
390Kb / 10P
   Capless Output Coupling Low Voltage Video Amplifier
SGM9144BXMS8G/TR SGMICRO-SGM9144BXMS8G/TR Datasheet
390Kb / 10P
   Capless Output Coupling Low Voltage Video Amplifier
More results

Similar Description - SGM9141

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
M4034 UTC-M4034_15 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2508 NJRC-NJM2508 Datasheet
338Kb / 10P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2513 NJRC-NJM2513 Datasheet
191Kb / 4P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2506 NJRC-NJM2506 Datasheet
342Kb / 10P
   3-INPUT/2-INPUT VIDEO SWITCH?
NJM2503 NJRC-NJM2503 Datasheet
164Kb / 4P
   3-INPUT/2-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com