Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMT-24V100W1AX Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # PMT-24V100W1AX
Description  PMT Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-24V100W1AX Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button PMT-24V100W1AX Datasheet HTML 4Page - Delta Electronics, Inc. PMT-24V100W1AX Datasheet HTML 5Page - Delta Electronics, Inc. PMT-24V100W1AX Datasheet HTML 6Page - Delta Electronics, Inc. PMT-24V100W1AX Datasheet HTML 7Page - Delta Electronics, Inc. PMT-24V100W1AX Datasheet HTML 8Page - Delta Electronics, Inc. PMT-24V100W1AX Datasheet HTML 9Page - Delta Electronics, Inc. PMT-24V100W1AX Datasheet HTML 10Page - Delta Electronics, Inc. PMT-24V100W1AX Datasheet HTML 11Page - Delta Electronics, Inc. PMT-24V100W1AX Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
24V 100W 1 Phase / PMT-24V100W1A
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (December 2016, Rev. 01)
8
Assembly & Installation
Mounting holes for power supply assembly onto the mounting surface.
The power supply shall be mounted on minimum 2 mounting holes using M3 screw minimum 5 mm (0.20 inch) length.
This surface belongs to customer’s end system or panel where the power supply is mounted.
Connector
Side Mounting (Vertical)
Base Mounting (Vertical)
Side Mounting (Horizontal)
Fig. 2
Recommended Mounting Orientations
PM☐-24V100W1AA☐ / PM☐-24V100W1AG: Use flexible cable (stranded or solid) of AWG No. 22-12. The torque at the
connector shall not exceed 13 Kgf.cm (11.23 lbf.in). The insulation stripping length should not exceed 0.275” or 7mm.
PM☐-24V100W1AH: Use flexible cable (stranded or solid) of AWG No. 22-18. Please refer to Table 1 for the recommended
Housing and Terminal.
Table 1
Connector (Board Mounting)
Housing
Terminal
Input (JWT)
A3963WV2-5P-A
A3963H02-5P
A3963T0P-2
Output (JWT)
A3963WV2-7P-U
A3963H02-7P
Installation of Mounting Accessories
Fig. 3
Mounting Hole Locations
With reference to Fig. 3, the device should be mounted on a sturdy heat conducting surface with minimum of 4 mounting holes using
M3 screw through the base or side mounting holes.


Similar Part No. - PMT-24V100W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AAA DELTA-PMT-24V100W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V100W1AGA DELTA-PMT-24V100W1AGA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V100W1AHA DELTA-PMT-24V100W1AHA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-24V100W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-36V350W1AX DELTA-PMT-36V350W1AX Datasheet
999Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com