Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMH-24V200WCBX Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # PMH-24V200WCBX
Description  PMH Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMH-24V200WCBX Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button PMH-24V200WCBX Datasheet HTML 4Page - Delta Electronics, Inc. PMH-24V200WCBX Datasheet HTML 5Page - Delta Electronics, Inc. PMH-24V200WCBX Datasheet HTML 6Page - Delta Electronics, Inc. PMH-24V200WCBX Datasheet HTML 7Page - Delta Electronics, Inc. PMH-24V200WCBX Datasheet HTML 8Page - Delta Electronics, Inc. PMH-24V200WCBX Datasheet HTML 9Page - Delta Electronics, Inc. PMH-24V200WCBX Datasheet HTML 10Page - Delta Electronics, Inc. PMH-24V200WCBX Datasheet HTML 11Page - Delta Electronics, Inc. PMH-24V200WCBX Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TECHNICAL DATASHEET
PMH Panel Mount Power Supply
24V 200W 1
/ PMH-24V200WCB
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (December 2015, Rev.02)
8
Output Load De-rating VS Input Voltage
Assembly & Installation
Mounting holes for power supply assembly onto the mounting surface.
The power supply shall be mounted on minimum 2 mounting holes using M3 screw minimum 5mm length.
This surface belongs to customer’s end system or panel where the power supply is mounted.
Connector
Fig. 2
Mounting Orientation
Use flexible cable (stranded or solid) with the following sizes:
PMH-24V200WCBA (S)
PMH-24V200WCBJ (U)
PMH-24V200WCBL (V)
AWG 20-14
AWG 20-12
AWG 20-12
The torque at the Connector shall not exceed 13Kgf.cm (11.23 lbf.in). The insulation stripping length should not exceed 0.275” or
7mm.
No output power de-rating across the entire
input voltage range
Side Mounting (Vertical)
Base Mounting (Vertical)
Side Mounting (Horizontal)


Similar Part No. - PMH-24V200WCBX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V50WCAX DELTA-PMH-24V50WCAX Datasheet
2Mb / 13P
   Full corrosion resistant aluminium casing
More results

Similar Description - PMH-24V200WCBX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
PMT-24V150W1AAA DELTA-PMT-24V150W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-D2V100W1AAA DELTA-PMT-D2V100W1AAA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-12V35W1AX DELTA-PMT-12V35W1AX Datasheet
494Kb / 10P
   PMT Panel Mount Power Supply
PMC-24V600W1BA DELTA-PMC-24V600W1BA Datasheet
1Mb / 14P
   PMC Panel Mount Power Supply
PMT DELTA-PMT Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com