Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMH-24V150WCBX Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PMH-24V150WCBX
Description  PMH Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMH-24V150WCBX Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PMH-24V150WCBX Datasheet HTML 1Page - Delta Electronics, Inc. PMH-24V150WCBX Datasheet HTML 2Page - Delta Electronics, Inc. PMH-24V150WCBX Datasheet HTML 3Page - Delta Electronics, Inc. PMH-24V150WCBX Datasheet HTML 4Page - Delta Electronics, Inc. PMH-24V150WCBX Datasheet HTML 5Page - Delta Electronics, Inc. PMH-24V150WCBX Datasheet HTML 6Page - Delta Electronics, Inc. PMH-24V150WCBX Datasheet HTML 7Page - Delta Electronics, Inc. PMH-24V150WCBX Datasheet HTML 8Page - Delta Electronics, Inc. PMH-24V150WCBX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TECHNICAL DATASHEET
PMH Panel Mount Power Supply
24V 150W 1 Phase / PMH-24V150WCB
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (June 2017, Rev.03)
4
Reliability Data
MTBF
> 700,000 hrs. as per Telcordia SR-332
I/P: 115Vac, O/P: 100% load, Ta: 25°C
Expected Cap Life Time
10 years (115Vac & 230Vac, 50% load @ 40°C)
Safety Standards / Directives
Safety Entry Low Voltage
Output non-isolated to PE
Output isolated to PE
PELV (EN 60335), SELV (EN 60950)
SELV (EN 60335), SELV (EN 60950)
Electrical Safety
SIQ Bauart
UL/cUL recognized
CB scheme
EN 60950-1, EN 60335-1, EN 61558-1, EN 61558-2-16
UL 60950-1 and CSA C22.2 No. 60950-1
(File No. E191395)
IEC 60950-1, IEC 60335-1, IEC 61558-1,
IEC 61558-2-16
CE
In conformance with EMC Directive 2014/30/EU and Low
Voltage Directive 2014/35/EC
Material and Parts
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to Output
4.5KVac
Input to Ground
1.5KVac
Output to Ground
Output non-isolated to PE (common pins connect to PE)
(PMH-24V150WCBA, PMH-24V150WCBJ,
PMH-24V150WCBL, PMH-24V150WCBH)
1.5KVdc (Output isolated to PE)
(PMH-24V150WCBS, PMH-24V150WCBU,
PMH-24V150WCBV, PMH-24V150WCBT)


Similar Part No. - PMH-24V150WCBX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
More results

Similar Description - PMH-24V150WCBX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMH-24V200WCBX DELTA-PMH-24V200WCBX Datasheet
1Mb / 13P
   PMH Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
PMT-24V150W1AAA DELTA-PMT-24V150W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-D2V100W1AAA DELTA-PMT-D2V100W1AAA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-12V35W1AX DELTA-PMT-12V35W1AX Datasheet
494Kb / 10P
   PMT Panel Mount Power Supply
PMC-24V600W1BA DELTA-PMC-24V600W1BA Datasheet
1Mb / 14P
   PMC Panel Mount Power Supply
PMT DELTA-PMT Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com