Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJT-XXV100WBAX Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PJT-XXV100WBAX
Description  PJT Open Frame Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJT-XXV100WBAX Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PJT-XXV100WBAX Datasheet HTML 1Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 2Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 3Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 4Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 5Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 6Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 7Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 8Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TECHNICAL DATASHEET
PJT Open Frame Power Supply
PJT-100WBA Series / PJT-
□□V100WBA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (January 2016, Rev. 02)
4
EMC
EMC / Emissions
CISPR 22, EN 55022, FCC Title 47: Class B
Immunity to
EN 55024
Electrostatic Discharge
IEC 61000-4-2
Criteria A
1)
Level 3 Air Discharge: 8kV
Level 3 Contact Discharge: 6kV
Radiated Field
IEC 61000-4-3
Level 2 Criteria A
1)
80MHz-1GHz, 3V/M with 1kHz tone / 80% modulation
Electrical Fast Transient / Burst
IEC 61000-4-4
Level 3 Criteria A
1)
2kV
Surge
IEC 61000-4-5
Level 3 Criteria A
1)
Common Mode
2): 2kV
Differential Mode
3): 1kV
Conducted
IEC 61000-4-6
Level 2 Criteria A
1)
3V with 80% AM
Power Frequency Magnetic Fields
IEC 61000-4-8
Criteria A
1)
Magnetic field strength 3A/Meter
Voltage Dips
IEC 61000-4-11
30% dip; 25ms Criterion A
60% dip; 100ms Criterion B
95% dip; 5000ms Criterion B
Harmonic Current Emission
IEC/EN 61000-3-2, Class A
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
1) Criteria A: Normal performance within the specification limits
2) Asymmetrical: Common mode (Line to earth)
3) Symmetrical: Differential mode (Line to line)
Block Diagram


Similar Part No. - PJT-XXV100WBAX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJT-XXV100WBBX DELTA-PJT-XXV100WBBX Datasheet
537Kb / 10P
   PJT Open Frame Power Supply
More results

Similar Description - PJT-XXV100WBAX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJT-XXV100WBBX DELTA-PJT-XXV100WBBX Datasheet
537Kb / 10P
   PJT Open Frame Power Supply
PJT-XXV65WBAX DELTA-PJT-XXV65WBAX Datasheet
495Kb / 9P
   PJT Open Frame Power Supply
PJT-XXV40WBAX DELTA-PJT-XXV40WBAX Datasheet
480Kb / 9P
   PJT Open Frame Power Supply
PJT-100WBA DELTA-PJT-100WBA Datasheet
536Kb / 9P
   PJT Open Frame Power Supply
PJT-65W DELTA-PJT-65W Datasheet
495Kb / 9P
   PJT Open Frame Power Supply
PJT-100WBB DELTA-PJT-100WBB Datasheet
537Kb / 10P
   PJT Open Frame Power Supply
logo
CUI INC
VS-100F-5 CUI-VS-100F-5 Datasheet
86Kb / 2P
   Open Frame Power Supply
VS-100F-24 CUI-VS-100F-24 Datasheet
86Kb / 2P
   Open Frame Power Supply
VS-100F-48 CUI-VS-100F-48 Datasheet
86Kb / 2P
   Open Frame Power Supply
logo
Advantech Co., Ltd.
96PSO-A60W24 ADVANTECH-96PSO-A60W24 Datasheet
263Kb / 2P
   OPEN FRAME Power Supply
04-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com