Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJT-XXV100WBAX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # PJT-XXV100WBAX
Description  PJT Open Frame Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJT-XXV100WBAX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

  PJT-XXV100WBAX Datasheet HTML 1Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 2Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 3Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 4Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 5Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 6Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 7Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 8Page - Delta Electronics, Inc. PJT-XXV100WBAX Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TECHNICAL DATASHEET
PJT Open Frame Power Supply
PJT-100WBA Series / PJT-
□□V100WBA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (January 2016, Rev. 02)
9
Overload & Overcurrent Protections (Auto-Recovery)
The power supply’s Overload (OLP) and Overcurrent (OCP)
Protections will be activated when output current exceeds 150%
of IO (Max load). In such occurrence, the VO will start to droop and
once the power supply has reached its maximum power limit, the
protection is activated and the power supply will go into “Hiccup
mode” (Auto-Recovery). The power supply will recover once the
fault condition of the OLP and OCP is removed and IO is back
within the specifications.
It is not recommended to prolong the duration of IO when it is
<150% but >100%, since it may cause damage to the PSU.
Short Circuit Protection (Auto-Recovery)
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.
Overvoltage Protection (Latch Mode)
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 3 under “Protections”. Power
supply will latch off, and require removal/re-application of input
AC voltage in order to restart.
The power supply should be latch.
Over Temperature Protection (Auto-Recovery)
As described in load de-rating section, the power supply also has
Over Temperature Protection (OTP). In the event of a higher
operating temperature at 100% load, the power supply will run
into OTP when the operating temperature is beyond what is
recommended in the de-rating graph. When activated, the output
voltage will go into bouncing mode until the temperature drops to
its normal operating temperature as recommended in the de-
rating graph.
Others
Delta RoHS Compliant
Restriction of the usage of hazardous substances
The European directive 2011/65/EU limits the maximum impurity level of homogeneous materials such as lead,
mercury, cadmium, chrome, polybrominated flame retardants PBB and PBDE for the use in electrical and
electronic equipment. RoHS is the abbreviation for “Restriction of the use of certain hazardous substances in
electrical and electronic equipment”.
This product conforms to this standard.
PFC – Norm EN 61000-3-2
Line Current Harmonic content
Typically, the input current waveform is not sinusoidal due to the periodical peak charging of the input capacitor.
In industrial environment, complying with EN 61000-3-2 is only necessary under special conditions. Complying
to this standard can have some technical drawbacks, such as lower efficiency as well as some commercial
aspects such as higher purchasing costs. Frequently, the user does not profit from fulfilling this standard,
therefore, it is important to know whether it is mandatory to meet this standard for a specific application.


Similar Part No. - PJT-XXV100WBAX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJT-XXV100WBBX DELTA-PJT-XXV100WBBX Datasheet
537Kb / 10P
   PJT Open Frame Power Supply
More results

Similar Description - PJT-XXV100WBAX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJT-XXV100WBBX DELTA-PJT-XXV100WBBX Datasheet
537Kb / 10P
   PJT Open Frame Power Supply
PJT-XXV65WBAX DELTA-PJT-XXV65WBAX Datasheet
495Kb / 9P
   PJT Open Frame Power Supply
PJT-XXV40WBAX DELTA-PJT-XXV40WBAX Datasheet
480Kb / 9P
   PJT Open Frame Power Supply
PJT-100WBA DELTA-PJT-100WBA Datasheet
536Kb / 9P
   PJT Open Frame Power Supply
PJT-65W DELTA-PJT-65W Datasheet
495Kb / 9P
   PJT Open Frame Power Supply
PJT-100WBB DELTA-PJT-100WBB Datasheet
537Kb / 10P
   PJT Open Frame Power Supply
logo
CUI INC
VS-100F-5 CUI-VS-100F-5 Datasheet
86Kb / 2P
   Open Frame Power Supply
VS-100F-24 CUI-VS-100F-24 Datasheet
86Kb / 2P
   Open Frame Power Supply
VS-100F-48 CUI-VS-100F-48 Datasheet
86Kb / 2P
   Open Frame Power Supply
logo
Advantech Co., Ltd.
96PSO-A60W24 ADVANTECH-96PSO-A60W24 Datasheet
263Kb / 2P
   OPEN FRAME Power Supply
04-Aug-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com