Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDS-200ADB24AA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part No. MDS-200ADB24AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

MDS-200ADB24AA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Medical AC-DC Enclosed Power Supply
24V 200W 2”x4” High Density MDS-200ADB24 AA
5
Protections
Overvoltage (max)
125% of rated voltage, Latch Mode
Overload / Overcurrent (max)
Main output 160% of rated current
Hiccup Mode(Non-Latching, Auto-Recovery)
Over Temperature
Latch Mode
Short Circuit
Hiccup Mode,
(Non-Latching, Auto-Recovery)
Reliability
MTBF(Minimum) at 115Vac, 120W, 35°C, Convection Air Flow
800 kHrs based on Telecordia SR-332
Operating life at 115Vac, 120W, ambient 25 °C, Convection Air Flow
26,280Hrs
Safety Standards / Directives
Medical Safety
IEC60601-12
nd, 3rdand 3rd+A1 edition CB report
TUV EN60601-1:2006
UL60601-1+CAN/CSA 60601-1: (Ed.3.2005)
ITE Safety
IEC60950-1 CB report
TUV60950-1
UL60950-1+CAN/CSA60950-1
GB4943.1-2011, GB9254-2008, GB17625.1-2003
CE
MDD Directive 93/42/EEC
Environmental
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to/Output (2XMOPP)
Input to/Ground(1XMOPP)
Output to/Ground(1XMOPP)
4000 Vac
1500Vac
1)
1500Vac ( Type BF application rated)
1)
PSU can support PoE applications with Primary to FG 2500Vac test.
All parameters are specified at 25°C ambient unless otherwise noted.
(November 2016, Rev. 01)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn