Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDS-200ADB24AA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part No. MDS-200ADB24AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

MDS-200ADB24AA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Medical AC-DC Enclosed Power Supply
24V 200W 2”x4” High Density MDS-200ADB24 AA
4
Mechanical
Case Cover
Enclosed cover(SPCC)
Dimensions(W x L x H typ.)
64.7x113.9x44.7mm (2.5x4.5x1.8inch)
Unit Weight
345g(0.762lb)
Indicator
NA
Cooling System
NA
Environment
Surrounding Air Temperature
Operating
Absolute Max
-10°C to+70°C, supported power linearly de-rate from
50°C to 50% rated up to 70°C
Note: see power de-rating curve
Storage
-40°C to+85°C
Operating Humidity
5-95% RH (Non-Condensing)
Operating Altitude
5,000 meters (16402 feet)
Shock Test (Non-Operating)
50G, 11ms, 3 shocks for each direction
Vibration (Operating)
5-500Hz, 2Grms, 15 minute for each three axis
Power De-rating curve
All parameters are specified at 25°C ambient unless otherwise noted.
(November 2016, Rev. 01)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn