Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDS-200ADB24AA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part No. MDS-200ADB24AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

MDS-200ADB24AA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Medical AC-DC Enclosed Power Supply
24V 200W 2”x4” High Density MDS-200ADB24 AA
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
90-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Input Current(max)
2.5A
Input Surge Voltage (max)
300Vac for 100ms
Full load Efficiency (typ.)
92% @ 115Vac/60Hz
93% @ 230Vac/50Hz, Reference Fig.1
Standby Power (max)
0.5W @ 115Vac/60Hz, 230Vac/50Hz
Inrush Current (max)
60A@230Vac, cold start
Input-PE(protective earth) leakage current(max)
0.1mA @ NC, 0.3mA @ SFC1)
Output-PE(protective earth) leakage current for Type BF application (max)
0.1mA @ NC, 0.5mA @ SFC 1)
Power Factor (min)
0.95 @ 115V/50Hz, 230V/50Hz, full load
1) NC: normal condition, SFC: single fault condition
Leakage Current
Input-PE Leakage Current
100Vac/60Hz(Typ)
264Vac/60Hz(Typ) Delta Limit
IEC60601-1 Limit
Normal Condition 19.5uA
45.0uA
100uA max
5000uA max
Single Fault Condition 44.8uA
153.0uA
300uA max
10000uA max
Output-PE Leakage Current for Type BF application
Normal Condition 38.3uA
81.5uA
100uA max
100uA max
Single Fault Condition 43.4uA
129.4uA
500uA max
500uA max
Fig.1 Efficiency versus output load
50
60
70
80
90
100
25%
50%
75%
100%
115Vac
230Vac
Output Load
All parameters are specified at 25°C ambient unless otherwise noted.
(November 2016, Rev. 01)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn