Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDS-200ADB24AA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part No. MDS-200ADB24AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-200ADB24AA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button MDS-200ADB24AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 9Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 10Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Medical AC-DC Enclosed Power Supply
24V 200W 2”x4” High Density MDS-200ADB24 AA
11
Certificate
All Delta Medical Power products conform to the European directive 2011/65/EU.
RoHS is the abbreviation for “Restriction of the use of certain hazardous
substances
Delta has been certified as meeting the requirement of ISO 13485: 2003 and EN
ISO 13485:2012 for the design and manufacture of switching power supply and
adaptor for medical device.
In addition to a UL Total Certification Program (TCP) approved client laboratory for
IEC60950 and IEC60065. Delta also has participated UL Client Test Data Program
(CDTP) for IEC 60601
All parameters are specified at 25°C ambient unless otherwise noted.
(November 2016, Rev. 01)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn