Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDS-200ADB24AA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part No. MDS-200ADB24AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DELTA [Delta Electronics, Inc.]
Homepage  http://www.deltaww.com
Logo 

MDS-200ADB24AA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Medical AC-DC Enclosed Power Supply
24V 200W 2”x4” High Density MDS-200ADB24 AA
8
Input Connector CN1
Signal Connector CN102
Pin 1
Neutral
Pin 1
Power Good -(DC RTN)
Pin 2
Line
Pin 2
Power Good +
CN1 mates with Molex housing
26033031 and Molex series 6838 crimp
terminals.
Input Line can also be connected to pin
1, and Input Neutral can be connected
to pin 2
CN3: KANG YANG:JP-13T mate with KST :FDFNYD1-187 or other
applicable connectors
Output Connector CN101
Pin1
DC RTN
Pin2
DC RTN
Pin3
Vo
Pin4
Vo
CN101 mates with JST housing VHR-4N
and JST terminal SVH-41T-P1.1.
CN102 mates with Molex housing
0874390200 and Molex 874210000 crimp terminals.
All parameters are specified at 25°C ambient unless otherwise noted.
(November 2016, Rev. 01)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn