Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGD8209N Datasheet(PDF) 2 Page - Littelfuse

Part # NGD8209N
Description  Ideal for Coil?뭥n?뭁lug Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGD8209N Datasheet(HTML) 2 Page - Littelfuse

  NGD8209N Datasheet HTML 1Page - Littelfuse NGD8209N Datasheet HTML 2Page - Littelfuse NGD8209N Datasheet HTML 3Page - Littelfuse NGD8209N Datasheet HTML 4Page - Littelfuse NGD8209N Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NGD8209N
UNCLAMPED COLLECTOR−TO−EMITTER AVALANCHE CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Single Pulse Collector−to−Emitter Avalanche Energy
VCC = 50 V, VGE = 5.0 V, Pk IL = 7.4 A, L = 10 mH, Starting TJ = 25°C
EAS
274
mJ
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
1.6
°C/W
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
105
Maximum Lead Temperature for Soldering Purposes, 1/8″ from case for 5 seconds
TL
275
°C
1. When surface mounted to an FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Clamp Voltage
BVCES
IC = 2.0 mA
TJ = −40°C to
150°C
380
410
435
VDC
IC = 10 mA
TJ = −40°C to
150°C
390
420
445
Zero Gate Voltage Collector Current
ICES
VCE = 350 V,
VGE = 0 V
TJ = 25°C
1.0
25
μADC
TJ = 150°C
9.0
50
TJ = −40°C
0.5
15
Reverse Collector−Emitter Leakage Current
IECS
VCE = −24 V
TJ = 25°C
0.5
1.0
mA
TJ = 150°C
10
30
TJ = −40°C
0.05
0.5
Reverse Collector−Emitter Clamp Voltage
BVCES(R)
IC = −75 mA
TJ = 25°C
26
33
38
VDC
TJ = 150°C
29
36
41
TJ = −40°C
24
32
36
Gate−Emitter Clamp Voltage
BVGES
IG = 5.0 mA
TJ = −40°C to
150°C
10
13
16
VDC
Gate−Emitter Leakage Current
IGES
VGE = 10 V
TJ = −40°C to
150°C
380
635
1000
μADC
Gate Resistor
RG
TJ = −40°C to
150°C
70
Ω
Gate Emitter Resistor
RGE
TJ = −40°C to
150°C
10
16
26
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGE(th)
IC = 1.0 mA,
VGE = VCE
TJ = 25°C
1.0
1.42
2.0
VDC
TJ = 150°C
0.7
0.95
1.5
TJ = −40°C
1.1
1.62
2.2
Threshold Temperature Coefficient
(Negative)
3.5
mV/°C
2. Pulse Test: Pulse Width v 300 μS, Duty Cycle v 2%.
2
Publication Order Number:
NGD8209N/D
Specifications subject to change without notice. © 2016 Littelfuse, Inc.
September 19, 2016 − Rev.
0


Similar Part No. - NGD8209N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8201AN ONSEMI-NGD8201AN Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
logo
Littelfuse
NGD8201AN LITTELFUSE-NGD8201AN Datasheet
270Kb / 8P
   Gate?묮mitter ESD Protection
logo
ON Semiconductor
NGD8201ANT4G ONSEMI-NGD8201ANT4G Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
logo
Littelfuse
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
logo
ON Semiconductor
NGD8201N ONSEMI-NGD8201N Datasheet
110Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
More results

Similar Description - NGD8209N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NGD8201B LITTELFUSE-NGD8201B Datasheet
1Mb / 6P
   Ideal for Coil?뭥n?뭁lug Applications
NGD18N40ACLB LITTELFUSE-NGD18N40ACLB Datasheet
240Kb / 8P
   Ideal for Coil?뭥n?뭁lug Applications
NGB18N40ACLB LITTELFUSE-NGB18N40ACLB Datasheet
261Kb / 9P
   Ideal for Coil?뭥n?뭁lug Applications
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
507-501-2112 MARL-507-501-2112_15 Datasheet
434Kb / 5P
   Ideal for high vibration applications
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sangdest Microelectroni...
DSR1A SMC-DSR1A Datasheet
162Kb / 5P
   Ideal for surface mouted applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Marl International Limi...
240-061-64 MARL-240-061-64_13 Datasheet
202Kb / 4P
   Ideal for high vibration applications
logo
International Rectifier
IRF7342D2PBF IRF-IRF7342D2PBF_15 Datasheet
203Kb / 11P
   Ideal For Buck Regulator Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com