Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGD15N41ACL Datasheet(PDF) 3 Page - Littelfuse

Part # NGD15N41ACL
Description  Gate?묮mitter ESD Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGD15N41ACL Datasheet(HTML) 3 Page - Littelfuse

  NGD15N41ACL Datasheet HTML 1Page - Littelfuse NGD15N41ACL Datasheet HTML 2Page - Littelfuse NGD15N41ACL Datasheet HTML 3Page - Littelfuse NGD15N41ACL Datasheet HTML 4Page - Littelfuse NGD15N41ACL Datasheet HTML 5Page - Littelfuse NGD15N41ACL Datasheet HTML 6Page - Littelfuse NGD15N41ACL Datasheet HTML 7Page - Littelfuse NGD15N41ACL Datasheet HTML 8Page - Littelfuse NGD15N41ACL Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
ON CHARACTERISTICS (continued) (Note 3)
Collector−to−Emitter On−Voltage
VCE(on)
IC = 6.0 A,
VGE = 4.0 V
TJ = 25°C
1.0
1.6
1.8
VDC
TJ = 150°C
0.9
1.5
1.8
TJ = −40°C
1.1
1.65
1.9*
IC = 8.0 A,
VGE = 4.0 V
TJ = 25°C
1.3
1.8
2.0*
TJ = 150°C
1.2
1.7
1.9
TJ = −40°C
1.4
1.8
2.0*
IC = 10 A,
VGE = 4.0 V
TJ = 25°C
1.4
2.0
2.2
TJ = 150°C
1.5
2.0
2.3*
TJ = −40°C
1.4
2.0
2.2
IC = 10 A,
VGE = 4.5 V
TJ = 25°C
1.3
1.9
2.1
TJ = 150°C
1.3
1.9
2.1
TJ = −40°C
1.4
1.95
2.1*
Forward Transconductance
gfs
VCE = 5.0 V, IC = 6.0 A
TJ = −40°C to
150°C
8.0
15
25
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VCC = 25 V, VGE = 0 V
f = 1.0 MHz
TJ = −40°C to
150°C
400
650
1000
pF
Output Capacitance
COSS
30
55
100
Transfer Capacitance
CRSS
3.0
4.5
8.0
SWITCHING CHARACTERISTICS
Turn−Off Delay Time (Inductive)
td(off)
VCC = 300 V, IC = 6.5 A
RG = 1.0 kΩ, L = 300 μH
TJ = 25°C
4.0
10
μSec
TJ = 150°C
4.5
10
Fall Time (Inductive)
tf
VCC = 300 V, IC = 6.5 A
RG = 1.0 kΩ, L = 300 μH
TJ = 25°C
6.0
12
TJ = 150°C
10
12
Turn−Off Delay Time (Resistive)
td(off)
VCC = 300 V, IC = 6.5 A
RG = 1.0 kΩ, RL = 46 Ω,
TJ = 25°C
3.0
10
μSec
TJ = 150°C
3.5
10
Fall Time (Resistive)
tf
VCC = 300 V, IC = 6.5 A
RG = 1.0 kΩ, RL = 46 Ω,
TJ = 25°C
8.0
15
TJ = 150°C
12
15
Turn−On Delay Time
td(on)
VCC = 10 V, IC = 6.5 A
RG = 1.0 kΩ, RL = 1.5 Ω
TJ = 25°C
0.7
4.0
μSec
TJ = 150°C
0.7
4.0
Rise Time
tr
VCC = 10 V, IC = 6.5 A
RG = 1.0 kΩ, RL = 1.5 Ω
TJ = 25°C
4.0
7.0
TJ = 150°C
5.0
7.0
3. Pulse Test: Pulse Width v 300 μS, Duty Cycle v 2%.
*Maximum Value of Characteristic across Temperature Range.
3
Publication Order Number:
NGD15N41ACL/D
Specifications subject to change without notice. © 2016 Littelfuse, Inc.
December, 2016 − Rev. 9
NGD15N41ACL, NGB15N41ACL, NGP15N41ACL


Similar Part No. - NGD15N41ACL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD15N41ACL ONSEMI-NGD15N41ACL Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGD15N41ACLT4G ONSEMI-NGD15N41ACLT4G Datasheet
147Kb / 11P
   Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
More results

Similar Description - NGD15N41ACL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NGB8207ABN LITTELFUSE-NGB8207ABN Datasheet
252Kb / 7P
   Gate?묮mitter ESD Protection
NGB8245N LITTELFUSE-NGB8245N Datasheet
292Kb / 7P
   Gate?묮mitter ESD Protection
NGD8201AN LITTELFUSE-NGD8201AN Datasheet
270Kb / 8P
   Gate?묮mitter ESD Protection
NGB8206AN LITTELFUSE-NGB8206AN Datasheet
257Kb / 8P
   Gate?묮mitter ESD Protection
NGB8207BN LITTELFUSE-NGB8207BN Datasheet
267Kb / 7P
   Gate?묮mitter ESD Protection
NGB8202AN LITTELFUSE-NGB8202AN Datasheet
274Kb / 8P
   Gate?묮mitter ESD Protection
logo
First Silicon Co., Ltd
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
   30V, 0.56A, N?묬hannel, Gate ESD Protection
logo
Pan Jit International I...
PJE24VM5FN2 PANJIT-PJE24VM5FN2 Datasheet
220Kb / 6P
   ESD Protection
logo
ON Semiconductor
NIV1161 ONSEMI-NIV1161_16 Datasheet
206Kb / 7P
   ESD Protection
March, 2016 ??Rev. 1
logo
SAMYANG ELECTRONICS CO....
SD05 SAMYANG-SD05 Datasheet
1Mb / 5P
   ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com