Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU7VC-07006 Datasheet(PDF) 2 Page - Kemet Corporation

Part # SU7VC-07006
Description  SU Coils, SU 7VC Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU7VC-07006 Datasheet(HTML) 2 Page - Kemet Corporation

  SU7VC-07006 Datasheet HTML 1Page - Kemet Corporation SU7VC-07006 Datasheet HTML 2Page - Kemet Corporation SU7VC-07006 Datasheet HTML 3Page - Kemet Corporation SU7VC-07006 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0015_SU7VC • 3/27/2017
AC Line Filters – SU Coils, SU 7VCType
Dimensions – Millimeters
2.5 Minimum
7.0±0.5
ø 0.6
8.0
8.0±0.5
15 Minimum
10 Minimum
Mounting Pitch
2.5 Minimum
7.0±0.5
ø 0.6
8.0
8.0±0.5
15 Minimum
10 Minimum
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
RoHS Compliant
Table 1 – Ratings & Part Number Reference
Part Number
Rated Current
AC (A)
Inductance
(mH)
Minimum
DC Resistance/
Line (Ω)
Maximum
Temperature
Rise (K)
Maximum
Marking
Weight (g)
Approximate
SU7VC-02120
0.2
12.0
6.5
55
02 Lot No.
1.7
SU7VC-05011
0.5
1.1
0.84
45
05 Lot No.
1.6
SU7VC-07006
0.7
0.60
0.36
45
07 Lot No.
1.7
SU7VC-08004
0.8
0.35
0.22
45
08 Lot No.
1.7
SU7VC-10003
1.0
0.30
0.20
50
10 Lot No.
1.7
SU7VC-12002
1.2
0.25
0.16
55
12 Lot No.
1.7


Similar Part No. - SU7VC-07006

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU7VC-08004 KEMET-SU7VC-08004 Datasheet
87Kb / 1P
   KEMET, SU-7VC, AC Line Filters, Common Mode, 350 uH
More results

Similar Description - SU7VC-07006

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
   SU Coils, SU 7VC Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
   SU Coils, SU 9V/9H Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
   SU Coils, SU 9VF/9HF Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
   SU Coils, SU 10VFC-R Type
SU9VF-02100 KEMET-SU9VF-02100 Datasheet
387Kb / 5P
   SU Coils, SU 9VF/9HF Type
SU10VFC-R03370 KEMET-SU10VFC-R03370 Datasheet
379Kb / 5P
   SU Coils, SU 10VFC-R Type
SU9V-R02140 KEMET-SU9V-R02140 Datasheet
424Kb / 5P
   SU Coils, SU 9V/9H Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
   SU Coils, SU 16VD High Frequency Type
SU10VD-1020 KEMET-SU10VD-1020 Datasheet
288Kb / 4P
   SU Coils, SU 10VD High Frequency Type
SU10VD-10020 KEMET-SU10VD-10020 Datasheet
275Kb / 4P
   SU Coils, SU 10VD High Frequency Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com