Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGB8202AN Datasheet(PDF) 4 Page - Littelfuse

Part # NGB8202AN
Description  Gate?묮mitter ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NGB8202AN Datasheet(HTML) 4 Page - Littelfuse

  NGB8202AN Datasheet HTML 1Page - Littelfuse NGB8202AN Datasheet HTML 2Page - Littelfuse NGB8202AN Datasheet HTML 3Page - Littelfuse NGB8202AN Datasheet HTML 4Page - Littelfuse NGB8202AN Datasheet HTML 5Page - Littelfuse NGB8202AN Datasheet HTML 6Page - Littelfuse NGB8202AN Datasheet HTML 7Page - Littelfuse NGB8202AN Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NGB8202AN
ELECTRICAL CHARACTERISTICS
Characteristic
Unit
Max
Typ
Min
Temperature
Test Conditions
Symbol
SWITCHING CHARACTERISTICS
Turn−Off Delay Time (Resistive)
td(off)
VCC = 300 V, IC = 9.0 A
RG = 1.0 kW, RL = 33 W,
VGE = 5.0 V
TJ = 25°C
6.0
8.0
10
mSec
TJ = 175°C
6.0
8.0
10
Fall Time (Resistive)
tf
TJ = 25°C
4.0
6.0
8.0
TJ = 175°C
8.0
10.5
14
Turn−Off Delay Time (Inductive)
td(off)
VCC = 300 V, IC = 9.0 A
RG = 1.0 kW,
L = 300
mH, VGE = 5.0 V
TJ = 25°C
3.0
5.0
7.0
TJ = 175°C
5.0
7.0
9.0
Fall Time (Inductive)
tf
TJ = 25°C
1.5
3.0
4.5
TJ = 175°C
5.0
7.0
10
Turn−On Delay Time
td(on)
VCC = 14 V, IC = 9.0 A
RG = 1.0 kW, RL = 1.5 W,
VGE = 5.0 V
TJ = 25°C
1.0
1.5
2.0
TJ = 175°C
1.0
1.5
2.0
Rise Time
tr
TJ = 25°C
4.0
6.0
8.0
TJ = 175°C
3.0
5.0
7.0
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*Maximum Value of Characteristic across Temperature Range.
4. Pulse Test: Pulse Width
v 300 mS, Duty Cycle v 2%.
4
Publication Order Number:
Specifications subject to change without notice. © 2016 Littelfuse, Inc.
NGB8202AN/D
December, 2016 − Rev. 10


Similar Part No. - NGB8202AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8202AN ONSEMI-NGB8202AN Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
NGB8202ANT4G ONSEMI-NGB8202ANT4G Datasheet
124Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel D2PAK
February, 2012 ??Rev. 7
More results

Similar Description - NGB8202AN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NGB8207ABN LITTELFUSE-NGB8207ABN Datasheet
252Kb / 7P
   Gate?묮mitter ESD Protection
NGB8245N LITTELFUSE-NGB8245N Datasheet
292Kb / 7P
   Gate?묮mitter ESD Protection
NGD8201AN LITTELFUSE-NGD8201AN Datasheet
270Kb / 8P
   Gate?묮mitter ESD Protection
NGB8206AN LITTELFUSE-NGB8206AN Datasheet
257Kb / 8P
   Gate?묮mitter ESD Protection
NGB8207BN LITTELFUSE-NGB8207BN Datasheet
267Kb / 7P
   Gate?묮mitter ESD Protection
NGD15N41ACL LITTELFUSE-NGD15N41ACL Datasheet
282Kb / 11P
   Gate?묮mitter ESD Protection
logo
First Silicon Co., Ltd
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
   30V, 0.56A, N?묬hannel, Gate ESD Protection
logo
Pan Jit International I...
PJE24VM5FN2 PANJIT-PJE24VM5FN2 Datasheet
220Kb / 6P
   ESD Protection
logo
ON Semiconductor
NIV1161 ONSEMI-NIV1161_16 Datasheet
206Kb / 7P
   ESD Protection
March, 2016 ??Rev. 1
logo
SAMYANG ELECTRONICS CO....
SD05 SAMYANG-SD05 Datasheet
1Mb / 5P
   ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com