Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP830070100C Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FXP830070100C
Description  FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP830070100C Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXP830070100C Datasheet HTML 1Page - Taoglas antenna solutions FXP830070100C Datasheet HTML 2Page - Taoglas antenna solutions FXP830070100C Datasheet HTML 3Page - Taoglas antenna solutions FXP830070100C Datasheet HTML 4Page - Taoglas antenna solutions FXP830070100C Datasheet HTML 5Page - Taoglas antenna solutions FXP830070100C Datasheet HTML 6Page - Taoglas antenna solutions FXP830070100C Datasheet HTML 7Page - Taoglas antenna solutions FXP830070100C Datasheet HTML 8Page - Taoglas antenna solutions FXP830070100C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPE-11-8-037/G/SS Page 2 of 13
1. Introduction
The FXP.830 has a peak gain of 1.8dBi at 2.4GHz and efficiencies of 50%, and
3-4dBi and 80-90% at 5.8GHz.
The FXP830 is a high efficiency, small, dual-band, dipole antenna for 2.4/5.8GHz
band including Bluetooth and Wi-Fi. This Taoglas patent pending antenna is
unique in the market because it is made from poly-flexible material, has a tiny
form factor (42*7*.01mm) and has double-sided 3M tape for easy “peel and
stick” mounting.
The FXP.830 is the ideal all-round antenna solution for squeezing into narrow
spaces and still maintaining high performance, for example at the top of LCD
devices.
Many module manufacturers specify peak gain limits for any antennas that are to
be connected to that module. Those peak gain limits are based on free-space
conditions. In practice, the peak gain of an antenna tested in free-space can
degrade by at least 1 or 2dBi when put inside a device. So ideally you should go
for a slightly higher peak gain antenna than mentioned on the module
specification to compensate for this effect, giving you better performance.
Upon testing of any of our antennas with your device and a selection of
appropriate layout, integration technique, or cable, Taoglas can make sure any of
our antennas’ peak gain will be below the peak gain limits. Taoglas can then issue
a specification and/or report for the selected antenna in your device that will
clearly show it complying with the peak gain limits, so you can be assured you are
meeting regulatory requirements for that module.


Similar Part No. - FXP830070100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP830070100C ETC2-FXP830070100C Datasheet
296Kb / 11P
   FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
More results

Similar Description - FXP830070100C

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP830090100C TAOGLAS-FXP830090100C Datasheet
432Kb / 13P
   FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8GHz Dipole Antenna
logo
List of Unclassifed Man...
FXP830090100C ETC2-FXP830090100C Datasheet
349Kb / 11P
   FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
FXP830070100C ETC2-FXP830070100C Datasheet
296Kb / 11P
   FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
logo
Taoglas antenna solutio...
FXP830240100B TAOGLAS-FXP830240100B Datasheet
453Kb / 14P
   FXP830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
FXP810070100C TAOGLAS-FXP810070100C Datasheet
978Kb / 12P
   FXP.810 Freedom Wi-Fi 2.4/4.9-6GHz Series PIFA Antenna
logo
List of Unclassifed Man...
FXP810070100C ETC2-FXP810070100C Datasheet
465Kb / 7P
   FXP.810 Freedom WIFI 2.4/4.9-6GHz Series Dipole Antenna
FXP810090100C ETC2-FXP810090100C Datasheet
474Kb / 7P
   FXP.810 Freedom WIFI 2.4/4.9-6GHz Series Dipole Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
   2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
logo
World Produts Inc.
WPANT30069-S1A WPI-WPANT30069-S1A Datasheet
195Kb / 3P
   2.4 GHz & 5 GHz Wi-Fi Dual-band Body-mount Antenna
WPANT30069-S1A WPI-WPANT30069-S1A_15 Datasheet
193Kb / 3P
   2.4 GHz & 5 GHz Wi-Fi Dual-band Body-mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com