Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1446 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1446
Description  Integrated Circuit Servo Control for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1446 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1446 Datasheet HTML 1Page - NTE Electronics NTE1446 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1446
Integrated Circuit
Servo Control for VCR
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage (V1–4), VCC
15.6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, ICC
45mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
550mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–10
° to +60°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = V1–4 = 12V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Total Circuit Current
I1
18.5
23.3
28.0
mA
Video Amp Amplification
AV (15)
V16 = 1Vp–p Sine Wave, f = 15.75kHz
3.0
3.5
4.0
times
Vertical Pulse Amplitude
VH (13)
V16 = 1VP–P Negative Pulse 60Hz, P.W. 650µs
8.4
VP–P
V.S.S. Sensitivity
Vi (16)
V16 = Pulse 60Hz, P.W. 650µs
3.0
7.6
20.0
mVP–P
Record Multi Delay Time
tD (9)
V16 = 1VP–P, Pulse 60Hz, P.W. 650µs
25.0
27.5
30.0
ms
Control Signal Amplification
ACO
V3 = 5mVP–P, Sine Wave 30Hz
70
150
300
times
Playback Multi Sensitivity
Vis
V3= Pulse 30Hz (POS) P.W. 650µs
0.6
0.9
1.5
mVP–P
Playback Multi Delay Time
VD3 (8)
V3 = 5mVP–P, Pulse 30Hz P.W. 650µs
26
29
31
ms


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn