Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XLT2419-08AC Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # XLT2419-08AC
Description  Single-Stage Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

XLT2419-08AC Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  XLT2419-08AC Datasheet HTML 1Page - II-VI Marlow, Inc. XLT2419-08AC Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries, inc.
Subsidiary of II-VI INCORPORATED
TECHNICAL DATA SHEET
DOC # 102-0309 REV K - PAGE 1 OF 2
XLT2419
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
-16AC: 1.181 +0/- .020
[30.00 +0/- .051]
(+)
(-)
-16AC: BRAIDED
WHITE
BLACK
LEADWIRES:
.092 ± .001
[2.34 ± 0.03]
.002 [0.05] A
.001 [0.03]
HOT SIDE, Th
.001 [0.03]
A
[102±13]
Standard: 4.0±.5
.30±.10
[7.6±2.5]
COLD SIDE, Tc
.30±.10
[7.6±2.5]
1.339 [34.01]
1.181
[30.00]
1.159
[29.44]
STANDARD: 20 AWG, 19/32 STRANDING
TEFLON INSULATED
1.165 [29.59]
Dimensions in [ ] are millimeters
Ceramic Material: Alumina (AC)
ORDERING OPTIONS
PRODUCT FEATURES
Specifically designed for thermal cycling applications.
Capable of rapid heating and cooling rates.
Proven High Reliability (Data available upon request).
Rugged construction.
Porched configuration for enhanced leadwire strength.
Rated operating temperature of 125°C.
Height tolerance of ± .001 in. (± .03 mm) allows for
multiple module applications.
RTV sealing available.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
56.5
64.0
Qmax (watts):
72
79
Imax (amps):
13.9
13.8
Vmax (vdc):
8.0
8.8
AC Resistance (ohms):
0.47
---
Model Number
Description
XLT2419-03AC
Leadwires
XLT2419-04AC
No Leadwires
XLT2419-05AC
Leadwires, Diced
XLT2419-07AC
Leadwires, Sealed
XLT2419-08AC
Leadwires 8 inches long
XLT2419-09AC
Leadwires, Diced, Conformal Parylene Coating
XLT2419-16AC
Leadwires, Braided, ACR and Height Matched
Set of 6
XLT2419-26AC
Leadwires, Sealed, Leadwire Sealed,
ACR and Height Matched Set of 6


Similar Part No. - XLT2419-08AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XLT2419-08AC ETC2-XLT2419-08AC Datasheet
177Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
XLT2419-08AC VIMARLOW-XLT2419-08AC Datasheet
516Kb / 2P
   Single-Stage Thermoelectric Module
More results

Similar Description - XLT2419-08AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1507 VIMARLOW-NL1507 Datasheet
296Kb / 2P
   Single-Stage Thermoelectric Cooler
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com