Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XLT2393-53SD Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # XLT2393-53SD
Description  Single-Stage Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

XLT2393-53SD Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  XLT2393-53SD Datasheet HTML 1Page - II-VI Marlow, Inc. XLT2393-53SD Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0243 REV Y - PAGE 1 OF 2
XLT2393
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
HOT SIDE, Th
1.575
[40.00]
COLD SIDE, Tc
.002 [0.05] A
.001 [0.03]
.001 [0.03]
A
1.497 [38.02]
1.575 [40.00]
POSITIVE (+)
(WHITE)
(-02LS: RED)
NEGATIVE (-)
(BLACK)
.095±.001 [2.41±0.03]
.103±.005 [2.62±0.13]
STANDARD
-53SD, -54SD, -55SD
LEADWIRES:
20 AWG, 19/32 STRANDING.
TEFLON INSULATED
LENGTH: 4.0 ±.5 [101.60±12.70]
6.0 ±.5 [152.40±12.70] (-02LS ONLY)
STRIP LENGTH: .125±.02 [3.18±0.51]
-05LS: LENGTH : 7.87±.5 [200±13]
STRIP LENGTH: .10±.02 [2.5±0.5]
-06SD: LENGTH : 11.0±.5 [279.40±12.70]
STRIP LENGTH: .125±.02 [3.18±0.51]
-07SD: LENGTH : 11.0±.5 [279.40±12.70]
STRIP LENGTH: .125±.02 [3.18±0.51]
-54SD: LENGTH : 11.0±.5 [279.40±12.70]
STRIP LENGTH: .125±.02 [3.18±0.51]
-55SD: LENGTH : 11.0±.5 [279.40±12.70]
STRIP LENGTH: .125±.02 [3.18±0.51]
-08SD: LENGTH : 11.0±.5 [279.40±12.70]
STRIP LENGTH: .125±.02 [3.18±0.51]
1
1
APPLY TO UN-DICED COOLER ONLY
ORDERING OPTIONS
PRODUCT FEATURES
Rated operating temperature of 125°C.
Designed for temperature cycling applications.
Capable of rapid heating and cooling rates.
Porch configuration for high strength leadwire
connection.
RTV sealing option available.
Lapped option available for multiple module
applications.
Diced option for further mechanical stress relief.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
58
67
Qmax (watts):
187
208
Imax (amps):
13.4
13.3
Vmax (vdc):
21.4
23.7
AC Resistance (ohms):
1.33
---
Performance values account for the heat sink resistance
losses through the base ceramic.
Model Number
Description
XLT2393-00L
Lapped
XLT2393-00LS
Lapped, Sealed
XLT2393-01L
Lapped, Leadwires
XLT2393-01LS
Lapped, Sealed, Leadwires
XLT2393-01LD
Lapped, Leadwires, Diced
XLT2393-02LS
Lapped, Sealed, 6 inch Leadwires
XLT2393-05LS
Lapped, Sealed, 8 inch Leadwires
XLT2393-06SD
Lapped, Diced, 9 Sections, Sealed, 11” Leads
XLT2393-07SD
Lapped, Diced, 25 Sections, Sealed, 11” Leads
XLT2393-08SD
Lapped, Diced, 20 Sections, Sealed, 11” Leads
XLT2393-53SD
Sealed, Diced, 20 Sections, Metalized Base, 4” Leads
XLT2393-54SD
Sealed, Diced, 20 Sections, Metalized Base, 11” Leads


Similar Part No. - XLT2393-53SD

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT2393-53SD VIMARLOW-XLT2393-53SD Datasheet
489Kb / 2P
   Single-Stage Thermoelectric Module
More results

Similar Description - XLT2393-53SD

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1507 VIMARLOW-NL1507 Datasheet
296Kb / 2P
   Single-Stage Thermoelectric Cooler
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com