Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CR2032 Datasheet(PDF) 2 Page - Sony Corporation

Part No. CR2032
Description  Lithium Manganese Dioxide Battery
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CR2032 Datasheet(HTML) 2 Page - Sony Corporation

  CR2032 Datasheet HTML 1Page - Sony Corporation CR2032 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATA SHEET
0200
1.0
0.0
2.0
3.0
4.0
400
600
800
1000
1200
1400
11 0
2.0
2.5
3.0
1000
100
60˚C
23˚C
60˚C
23˚C
0˚C
0˚C
0.1
1
260
240
220
200
180
160
140
120
100
80
60
10
100
10
100
1000
3.0
1.0
2.0
3.0
10000
Sec
0300
1.0
0.0
2.0
3.0
600
900
1200
1500
23˚C
–10˚C
0
500
1.0
0.0
2.0
3.0
4.0
1000
1500
60˚C
23˚C
0˚C
Load 15k
Load
Load
Pulse load
Discharge Characteristics on Load
Discharge Load vs. Operation Voltage
Discharge Characteristics on Pulse Load (Discharge depth 40%)
Discharge Load vs. Discharge Capacity
Storage Characteristics
Storage at 60˚C for
80 days equivalent to
storage at room
temperature for 4 years
Pulse Load for 15 sec
15
2.5V cutoff At23˚C
2.5V cutoff At23˚C
Discharge time
Discharge time
Discharge time
Discharge Characteristics on Temperature
(Discharge depth 40%)
Load : 15k
Load : 4.7k
2.5V cutoff
2.0V cutoff
Load : 15k


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CR1216Lithium Manganese Dioxide Battery 1 2 List of Unclassifed Manufacturers
CR17450MANGANESE DIOXIDE LITHIUM BATTERY 1 List of Unclassifed Manufacturers
CR1620LITHIUM MANGANESE DIOXIDE BATTERY 1 2 Sony Corporation
LR54Alkaline Manganese Dioxide Battery 1 List of Unclassifed Manufacturers
MM1177Charge and discharge control for coin-type lithium batteries and manganese dioxide lithium batteries 1 2 3 Mitsumi Electronics, Corp.
BA-5112LITHIUM SULFUR DIOXIDE PRIMARY BATTERY SYSTEM 1 2 List of Unclassifed Manufacturers
CR2450Lithium / Manganese Dioxide Li/MnO2 1 List of Unclassifed Manufacturers
CR2032Lithium / Manganese Dioxide Li/MnO2 1 2 List of Unclassifed Manufacturers
MX1300ALKALINE MANGANESE DIOXIDE BATTERY 1 2 List of Unclassifed Manufacturers
MN1500ALKALLINE MANGANESE DIOXIDE BATTERY 1 2 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn