Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC12-2.5-01S Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # RC12-2.5-01S
Description  Single-Stage Thermoelectric Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

RC12-2.5-01S Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  RC12-2.5-01S Datasheet HTML 1Page - II-VI Marlow, Inc. RC12-2.5-01S Datasheet HTML 2Page - II-VI Marlow, Inc. RC12-2.5-01S Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0276 REV H - PAGE 1 OF 3
RC12-2.5
Single-Stage Thermoelectric Module
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
*NOTE: Cold side and positive and negative leads are valid only for thermoelectric cooling. For power
generation, refer to page 3.
ORDERING OPTIONS
PRODUCT FEATURES
Rated operating temperature 160°C for short periods,
130°C extended operation
Superior nickel diffusion barriers on elements
High strength for rugged environment
Porch configuration for high strength lead wire connection
RTV sealing option available
Lapped option available for multiple module applications
-11S: Leadwire solder joints and pads are sealed with RTV.
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-dry N2):
66
74
Qmax (watts):
23
26
Imax (amps):
2.5
2.5
Vmax (vdc):
14.7
16.4
AC Resistance (ohms):
4.9
--
Device ZT
0.77
--
Model Number
Description
RC12-2.5-01
Leadwires
RC12-2.5-01L
Leadwires, Lapped
RC12-2.5-01S
Leadwires, Sealed
RC12-2.5-01LS
Leadwires, Lapped, Sealed
RC12-2.5-02LS
Leadwires (4.4”), Lapped, Sealed
RC12-2.5-11S
Leadwires (6.5”), Sealed


Similar Part No. - RC12-2.5-01S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC12-2.5-01S ETC2-RC12-2.5-01S Datasheet
162Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - RC12-2.5-01S

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT3-8 VIMARLOW-XLT3-8 Datasheet
163Kb / 2P
   Single-Stage Thermoelectric Module
NL1020T VIMARLOW-NL1020T_17 Datasheet
648Kb / 3P
   Single-Stage Thermoelectric Module
XLT2416 VIMARLOW-XLT2416_17 Datasheet
511Kb / 2P
   Single-Stage Thermoelectric Module
XLT2427 VIMARLOW-XLT2427_17 Datasheet
506Kb / 2P
   Single-Stage Thermoelectric Module
PL020-4-30 VIMARLOW-PL020-4-30 Datasheet
229Kb / 2P
   Single-Stage Thermoelectric Module
NL1015T VIMARLOW-NL1015T Datasheet
266Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T_18 Datasheet
829Kb / 4P
   Single-Stage Thermoelectric Module
RC12-4 VIMARLOW-RC12-4 Datasheet
567Kb / 3P
   Single-Stage Thermoelectric Module
NL1012T VIMARLOW-NL1012T Datasheet
265Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Module
XLT2393 VIMARLOW-XLT2393_17 Datasheet
489Kb / 2P
   Single-Stage Thermoelectric Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com