Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC3-8-01S Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # RC3-8-01S
Description  Lapped option available for multiple module applications.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

RC3-8-01S Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  RC3-8-01S Datasheet HTML 1Page - II-VI Marlow, Inc. RC3-8-01S Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries, inc.
Subsidiary of II-VI INCORPORATED
TECHNICAL DATA SHEET
DOC # 102-0283 REV F - PAGE 1 OF 2
RC3-8
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
ORDERING OPTIONS
AVAILABLE MODIFICATIONS
Solid-state reliability.
Built with high temperature solder with the ability to withstand
higher assembly processing temperatures for short periods of
time (<160C).
Superior nickel diffusion barriers on elements.
High strength for rugged environment.
Porched configuration for enhanced leadwire strength.
RTV sealing available (Optional).
Lapped option available for multiple module applications.
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
65
73
Qmax (watts):
17
19
Imax (amps):
7.4
7.4
Vmax (vdc):
3.6
4.1
AC Resistance (ohms):
0.4
---
Model Number
Description
RC3-8-01
Base Model w/ leads
RC3-8-01L
Lapped Model
RC3-8-01S
Sealed Model
RC3-8-01LS
Lapped and Sealed Model


Similar Part No. - RC3-8-01S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC3-8-01S ETC2-RC3-8-01S Datasheet
163Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - RC3-8-01S

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
RC3-4 VIMARLOW-RC3-4 Datasheet
245Kb / 3P
   Lapped option available for multiple module applications.
RC3-2.5 VIMARLOW-RC3-2.5 Datasheet
255Kb / 3P
   Lapped option available for multiple module applications.
logo
Ohmite Mfg. Co.
SINK-AH OHMITE-SINK-AH Datasheet
494Kb / 2P
   Multiple finishes available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0386 AVAGO-MSA-0386 Datasheet
59Kb / 5P
   Lead-free Option Available
MGA-87563 AVAGO-MGA-87563 Datasheet
132Kb / 9P
   Lead-free Option Available
MSA-0986 AVAGO-MSA-0986 Datasheet
68Kb / 4P
   Lead-free Option Available
logo
DinTek Semiconductor Co...
DTS3401 DINTEK-DTS3401 Datasheet
417Kb / 8P
   Halogen-free Option Available
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
   Available with Encapsulation Option
logo
Broadcom Corporation.
DEMO-MGA-83A BOARDCOM-DEMO-MGA-83A Datasheet
325Kb / 22P
   Lead-free Option Available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
   Lead-free Option Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com