Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC3-2.5-01S Datasheet(PDF) 3 Page - II-VI Marlow, Inc.

Part # RC3-2.5-01S
Description  Lapped option available for multiple module applications.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

RC3-2.5-01S Datasheet(HTML) 3 Page - II-VI Marlow, Inc.

  RC3-2.5-01S Datasheet HTML 1Page - II-VI Marlow, Inc. RC3-2.5-01S Datasheet HTML 2Page - II-VI Marlow, Inc. RC3-2.5-01S Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DOC # 102-0282 REV D - PAGE 3 OF 3
30
35
40
45
50
55
65
75
85
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0.2
0.7
1.2
1.7
2.2
2.7
3.2
3.7
Heat (W)
Hot Side Temperature (°C)
Power
Voltage
Tc=27°C
55
60
65
70
75
80
85
0
0.05
0.1
0.15
0.2
0.25
0.3
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3
Heat (W)
Hot Side Temperature (°C)
Power
Voltage
Tc=50°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
123
456
78
9
10
Load Resistance Ratio
Normalized Off-Peak Performance
Efficiency
Voltage
Power Generation performance information is given in a nitrogen environment and cold side temperatures of 27°C and 50°C. Module
temperature does not include thermal resistance of heat sinks. For performance information in vacuum, other cold side
temperatures, or specific heat sinks, consult one of our applications engineers.
TYPICAL POWER GENERATION CONFIGURATION
EXAMPLE:
Hot Side Temperature (°C)
85
55
35
Cold Side Temperature (°C)
27
27
27
Optimum Efficiency, η (%)
2.50
1.27
0.37
Optimum Power (W)
0.101 0.025 0.002
Optimum Voltage (V)
0.441 0.210 0.059
Load Resistance for Opt η (Ω)
1.93
1.80
1.72
Open Circuit Voltage, VOC (V)
0.77
0.37
0.10
Short Circuit Current (A)
0.53
0.27
0.08
Thermal Resistance (°C/W)
14.44 14.46 14.44


Similar Part No. - RC3-2.5-01S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC3-2.5-01S ETC2-RC3-2.5-01S Datasheet
162Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - RC3-2.5-01S

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
RC3-8 VIMARLOW-RC3-8 Datasheet
190Kb / 2P
   Lapped option available for multiple module applications.
RC3-4 VIMARLOW-RC3-4 Datasheet
245Kb / 3P
   Lapped option available for multiple module applications.
logo
Ohmite Mfg. Co.
SINK-AH OHMITE-SINK-AH Datasheet
494Kb / 2P
   Multiple finishes available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0386 AVAGO-MSA-0386 Datasheet
59Kb / 5P
   Lead-free Option Available
MGA-87563 AVAGO-MGA-87563 Datasheet
132Kb / 9P
   Lead-free Option Available
MSA-0986 AVAGO-MSA-0986 Datasheet
68Kb / 4P
   Lead-free Option Available
logo
DinTek Semiconductor Co...
DTS3401 DINTEK-DTS3401 Datasheet
417Kb / 8P
   Halogen-free Option Available
logo
List of Unclassifed Man...
ATC900C ETC2-ATC900C Datasheet
182Kb / 6P
   Available with Encapsulation Option
logo
Broadcom Corporation.
DEMO-MGA-83A BOARDCOM-DEMO-MGA-83A Datasheet
325Kb / 22P
   Lead-free Option Available
logo
AVAGO TECHNOLOGIES LIMI...
MSA-3111 AVAGO-MSA-3111 Datasheet
185Kb / 7P
   Lead-free Option Available
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com