Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT04N60 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMT04N60
Description  POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMT04N60 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMT04N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT04N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT04N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT04N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT04N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT04N60 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT04N60 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CMT04N60
POWER MOSFET
2003/06/25
Preliminary Rev. 1.1
Champion Microelectronic Corporation
Page 2
ORDERING INFORMATION
Part Number
Package
CMT04N60N220
TO-220
CMT04N60N220FP
TO-220 Full Package
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25℃.
CMT04N60
Characteristic
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
(VGS = 0 V, ID = 250 μA)
V(BR)DSS
600
V
Drain-Source Leakage Current
(VDS =600 V, VGS = 0 V)
IDSS
0.1
mA
Gate-Source Leakage Current-Forward
(Vgsf = 20 V, VDS = 0 V)
IGSSF
100
nA
Gate-Source Leakage Current-Reverse
(Vgsr = 20 V, VDS = 0 V)
IGSSR
100
nA
Gate Threshold Voltage
(VDS = VGS, ID = 250 μA)
VGS(th)
2.0
4.0
V
Static Drain-Source On-Resistance (VGS = 10 V, ID = 2.0A) *
RDS(on)
2.4
Forward Transconductance (VDS = 50 V, ID = 2.0 A) *
gFS
2.5
mhos
Input Capacitance
Ciss
540
760
pF
Output Capacitance
Coss
125
180
pF
Reverse Transfer Capacitance
(VDS = 25 V, VGS = 0 V,
f = 1.0 MHz)
Crss
8.0
20
pF
Turn-On Delay Time
td(on)
12
20
ns
Rise Time
tr
7.0
10
ns
Turn-Off Delay Time
td(off)
19
40
ns
Fall Time
(VDD = 300 V, ID = 4.0 A,
VGS = 10 V,
RG = 9.1Ω) *
tf
10
20
ns
Total Gate Charge
Qg
5.0
10
nC
Gate-Source Charge
Qgs
2.7
nC
Gate-Drain Charge
(VDS = 480 V, ID = 4.0 A,
VGS = 10 V)*
Qgd
2.0
nC
Internal Drain Inductance
(Measured from the drain lead 0.25” from package to center of die)
LD
4.5
nH
Internal Drain Inductance
(Measured from the source lead 0.25” from package to source bond pad)
LS
7.5
nH
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VSD
1.5
V
Forward Turn-On Time
ton
**
ns
Reverse Recovery Time
(IS = 4.0 A,
dIS/dt = 100A/µs)
trr
655
ns
* Pulse Test: Pulse Width ≦300µs, Duty Cycle ≦2%
** Negligible, Dominated by circuit inductance


Similar Part No. - CMT04N60

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CMT04N60 CHAMP-CMT04N60 Datasheet
310Kb / 7P
   POWER MOSFET
CMT04N60 CHAMP-CMT04N60 Datasheet
347Kb / 8P
   POWER MOSFET
CMT04N60GN220 CHAMP-CMT04N60GN220 Datasheet
310Kb / 7P
   POWER MOSFET
CMT04N60GN220 CHAMP-CMT04N60GN220 Datasheet
347Kb / 8P
   POWER MOSFET
CMT04N60GN220FP CHAMP-CMT04N60GN220FP Datasheet
310Kb / 7P
   POWER MOSFET
More results

Similar Description - CMT04N60

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com