Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRA911RCB1 Datasheet(PDF) 4 Page - Winson Semiconductor Corp.

Part # LRA911RCB1
Description  Linear Hall Effect Sensor IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

LRA911RCB1 Datasheet(HTML) 4 Page - Winson Semiconductor Corp.

  LRA911RCB1 Datasheet HTML 1Page - Winson Semiconductor Corp. LRA911RCB1 Datasheet HTML 2Page - Winson Semiconductor Corp. LRA911RCB1 Datasheet HTML 3Page - Winson Semiconductor Corp. LRA911RCB1 Datasheet HTML 4Page - Winson Semiconductor Corp. LRA911RCB1 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WSH315
Winson reserves the right to make changes to improve reliability or manufacturability.
©Winson, 2017/4/7
Page 4
Electrical Characteristic Diagram:
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
比值
0.841
0.905
0.939
0.968
0.990
0.996
0.996
1.000
0.988
0.980
0.949
0.930
0.902
0.873
0.835
0.800
0.764
0.000
0.200
0.400
0.600
0.800
1.000
1.200
˚C
WSH315 Sensitivity standardizationof 30℃ VS. Temperature
y = 0.0015x + 2.4812
R² = 0.9993
0.000
1.000
2.000
3.000
4.000
5.000
6.000
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
V
G
WSH315 Vout vs. Magnetic field with Vdd 5V
N
S
y = 0.0013x + 1.6911
R² = 0.9988
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
-1800 -1600 -1400 -1200 -1000 -800 -600 -400 -200
0
200 400 600 800 1000 1200 1400 1600 1800
V
G
WSH315 Vout vs. Magnetic field with Vdd 3.3V
N
S


Similar Part No. - LRA911RCB1

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
LRA911-RS-B CARLINGTECH-LRA911-RS-B Datasheet
625Kb / 4P
   Single Pole Lighted Rocker
More results

Similar Description - LRA911RCB1

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
logo
Winson Semiconductor Co...
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
   Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
   Linear Hall Effect Sensor IC
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
   Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
   Linear Hall Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH138 DIWELL-WSH138 Datasheet
482Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH202 DIWELL-WSH202 Datasheet
487Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
   Linear Hall Effect Sensor IC
2017/12/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com