Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9132 Datasheet(PDF) 8 Page - SG Micro Corp

Part # SGM9132
Description  3-Channel, Video Filter Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9132 Datasheet(HTML) 8 Page - SG Micro Corp

Back Button SGM9132 Datasheet HTML 3Page - SG Micro Corp SGM9132 Datasheet HTML 4Page - SG Micro Corp SGM9132 Datasheet HTML 5Page - SG Micro Corp SGM9132 Datasheet HTML 6Page - SG Micro Corp SGM9132 Datasheet HTML 7Page - SG Micro Corp SGM9132 Datasheet HTML 8Page - SG Micro Corp SGM9132 Datasheet HTML 9Page - SG Micro Corp SGM9132 Datasheet HTML 10Page - SG Micro Corp SGM9132 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3-Channel, Video Filter
SGM9132
Driver for HD (1080p)
8
SG Micro Corp
www.sg-micro.com
APPLICATION INFORMATION
Output Considerations
The selection of the coupling capacitor is a function of the
subsequent circuit input impedance and the leakage current of
the input being driven. In order to obtain the highest quality
output video signal the series termination resistor must be
placed as close to the device output pin as possible. This
greatly reduces the parasitic capacitance and inductance effect
on the SGM9132 output driver. Recommended distance from
device pin to series termination resistor should be no greater
than 0.1 inches.
0.1
75Ω series termination resistor
Figure 4. Distance from Device Pin to Series Termination
Resistor
Thermal Considerations
Since the interior of systems such as set-top boxes, TVs and
DVD players are at +70
℃, consideration must be given to
providing an adequate heat sink for the device package for
maximum heat dissipation. When designing a system board,
determine how much power each device dissipates. Ensure that
devices of high power are not placed in the same location, such
as directly above (top plane) or below (bottom plane) each other
on the PCB.
Layout Considerations
General layout and supply bypassing play a major role in
high-frequency performance and thermal characteristics. We
offer a demonstration board to guide layout and aid device
evaluation. The demo board is a four-layer board with full power
and ground planes. Following this layout configuration provides
optimum performance and thermal characteristics for the device.
For the best results, follow the steps and recommended routing
rules listed below.
Recommended Routing/Layout Rules
Do not run analog and digital signals in parallel.
Use separate analog and digital power planes to supply
power.
Do not run traces on top of the ground plane.
Run no traces over ground/power splits.
Avoid routing at 90-degree angles.
Minimize clock and video data trace length differences.
Include 0.01μF and 0.1μF ceramic power supply bypass
capacitors.
Place the 0.1μF capacitor within 0.1 inches of the device
power pin.
Place the 0.01μF capacitor within 0.75 inches of the device
power pin.
For multi-layer boards, use a large ground plane to help
dissipate heat.
For two-layer boards, use a ground plane that extends
beyond the device body at least 0.5 inches on all sides. Include
a metal paddle under the device on the top layer.
Minimize all trace lengths to reduce series inductance.
Place a 75Ω series resistor within 0.5 inches of the output pin
to isolate the output driver from board parasitics.
PCB Thermal Layout Considerations
Understand the system power requirements and environmental
conditions.
Maximize thermal performance of the PCB.
Consider using 70μm of copper for high-power designs.
Make the PCB as thin as possible by reducing FR4 thickness.
Use vias in the power pad to tie adjacent layers together.
Remember that baseline temperature is a function of board
area, not copper thickness.
Consider modeling techniques a first-order approximation.


Similar Part No. - SGM9132

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9131 SGMICRO-SGM9131 Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
SGM9131YS8G/TR SGMICRO-SGM9131YS8G/TR Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
SGM9133 SGMICRO-SGM9133 Datasheet
387Kb / 13P
   4-Channel, Video Filter Driver
SGM9133YTS14G/TR SGMICRO-SGM9133YTS14G/TR Datasheet
387Kb / 13P
   4-Channel, Video Filter Driver
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
More results

Similar Description - SGM9132

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9131 SGMICRO-SGM9131 Datasheet
305Kb / 11P
   3-Channel, Video Filter Driver
logo
ON Semiconductor
FMS6303 ONSEMI-FMS6303 Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
logo
SG Micro Corp
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
   Single Channel, Video Filter Driver
SGM9133 SGMICRO-SGM9133 Datasheet
387Kb / 13P
   4-Channel, Video Filter Driver
SGM9146 SGMICRO-SGM9146 Datasheet
357Kb / 13P
   4-Channel, Video Filter Driver
SGM9136 SGMICRO-SGM9136 Datasheet
356Kb / 13P
   4-Channel, Video Filter Driver
SGM9150 SGMICRO-SGM9150 Datasheet
350Kb / 12P
   4-Channel, Video Filter Driver
SGM9154 SGMICRO-SGM9154 Datasheet
503Kb / 14P
   Single Channel, Video Filter Driver
logo
3PEAK INC.
TPF143 3PEAK-TPF143 Datasheet
356Kb / 10P
   Low Power, 3-channel High-Definition Video Filter Driver
logo
ON Semiconductor
FMS6363A ONSEMI-FMS6363A Datasheet
454Kb / 12P
   Video Filter Driver
Rev. 2.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com